Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM621400HJP-12 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM621400HJP-12
Description  4M High Speed SRAM (4-Mword x 1-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM621400HJP-12 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM621400HJP-12 Datasheet HTML 2Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 3Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 4Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 5Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 6Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 7Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 8Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 9Page - Hitachi Semiconductor HM621400HJP-12 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HM621400H Series
6
AC Characteristics (Ta = 0 to +70
°C, V
CC = 5.0 V ± 10 %, unless otherwise noted.)
Test Conditions
• Input pulse levels: 3.0 V/0.0 V
• Input rise and fall time: 3 ns
• Input and output timing reference levels: 1.5 V
• Output load: See figures (Including scope and jig)
Dout
255
480
5 V
5 pF
Output load (B)
(for tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, and tOW)
Dout
RL=50
Output load (A)
1.5 V
Zo=50
Read Cycle
HM621400H
-10
-12
-15
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
10
12
15
ns
Address access time
t
AA
—10—12
15
ns
Chip select access time
t
ACS
—10—12
15
ns
Output enable to outpput valid
t
OE
—5
—6
—7
ns
Output hold from address change
t
OH
3—
3—
3—
ns
Chip select to output in low-Z
t
CLZ
3—
3—
3—
ns
1
Output enable to output in low-Z
t
OLZ
0—
0—
0—
ns
1
Chip deselect to output in high-Z
t
CHZ
—5
—6
—7
ns
1
Output disable to output in high-Z
t
OHZ
—5
—6
—7
ns
1


Similar Part No. - HM621400HJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM621400HC HITACHI-HM621400HC Datasheet
64Kb / 14P
   4M High Speed SRAM (4-Mword x 1-bit)
HM621400HCJP-10 HITACHI-HM621400HCJP-10 Datasheet
64Kb / 14P
   4M High Speed SRAM (4-Mword x 1-bit)
HM621400HCLJP-10 HITACHI-HM621400HCLJP-10 Datasheet
64Kb / 14P
   4M High Speed SRAM (4-Mword x 1-bit)
More results

Similar Description - HM621400HJP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM621400HC HITACHI-HM621400HC Datasheet
64Kb / 14P
   4M High Speed SRAM (4-Mword x 1-bit)
HM624100H HITACHI-HM624100H Datasheet
74Kb / 13P
   4M High Speed SRAM (1-Mword x 4-bit)
logo
Renesas Technology Corp
R1RW0404D RENESAS-R1RW0404D Datasheet
84Kb / 13P
   4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
logo
Hitachi Semiconductor
HM624100HC HITACHI-HM624100HC Datasheet
65Kb / 14P
   4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100H HITACHI-HM62W4100H Datasheet
73Kb / 13P
   4M High Speed SRAM (1-Mword x 4-bit)
logo
Renesas Technology Corp
R1RP0404D RENESAS-R1RP0404D Datasheet
84Kb / 13P
   4M High Speed SRAM (1-Mword 횞 4-bit)
logo
Hitachi Semiconductor
HM62W1400H HITACHI-HM62W1400H Datasheet
82Kb / 14P
   4M High Speed SRAM (4-Mword x1-bit)
logo
Renesas Technology Corp
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
   16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com