Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JU1215-KM307N6-12507-090T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # JU1215-KM307N6-12507-090T
Description  12V/7W Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

JU1215-KM307N6-12507-090T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  JU1215-KM307N6-12507-090T Datasheet HTML 1Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 2Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 3Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 4Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 5Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 6Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 7Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 8Page - Everlight Electronics Co., Ltd JU1215-KM307N6-12507-090T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LifecyclePhase:
Revision
: 7
Expired Period: Forever
Release Date:2013-12-24 16:29:35.0
1
Copyright © 2012, Everlight All Rights Reserved. Release Date: Oct.03.2013 Issue No: DHE-0002043 Rev: 7
www.everlight.com
Introduction
Everlight`s JU11215 12V/7W Series is a ceramic substrate
based LED achieving high efficiency while maintaining high CRI
at Energy Star / ANSI color temperature ranges.
Features
Applications
LM-80 Certified
High Power COB & High CRI LED
Multi-Chip Solution
Dimension:12 mm x 15 mm x 1.6 mm
Main Parameters: Luminous Flux,
Forward Voltage , Chromaticity and
Color Rendering Index
RoHS compliant
Energy Star / ANSI Compliant Binning
Structure
Typical Viewing Angle: 115°
Replacement Bulb
Indoor General Lighting
Recessed Can Lighting
JU1215
12V/7W Series


Similar Part No. - JU1215-KM307N6-12507-090T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU1215-KM307K4-09804-450T EVERLIGHT-JU1215-KM307K4-09804-450T Datasheet
1Mb / 27P
   LM-80 Certified High power DC COB & high efficiency
JU1215-KM307K4-09804-450T EVERLIGHT-JU1215-KM307K4-09804-450T Datasheet
1Mb / 27P
   9V/4W 3S8P Series
JU1215-KM307K4-09804-450T EVERLIGHT-JU1215-KM307K4-09804-450T Datasheet
880Kb / 27P
   9V/4W 3S8P Series
JU1215-KM307P2-18610-0A0T EVERLIGHT-JU1215-KM307P2-18610-0A0T Datasheet
1Mb / 29P
   18V/10W Series
More results

Similar Description - JU1215-KM307N6-12507-090T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU1215-KT577N7-12507-090T EVERLIGHT-JU1215-KT577N7-12507-090T Datasheet
1Mb / 29P
   12V/7W Series
JU1215-KT657N7-12507-090T EVERLIGHT-JU1215-KT657N7-12507-090T Datasheet
1Mb / 29P
   12V/7W Series
JU1215-KM407N6-12507-090T EVERLIGHT-JU1215-KM407N6-12507-090T Datasheet
1Mb / 29P
   12V/7W Series
JU1215-KT507N7-12507-090T EVERLIGHT-JU1215-KT507N7-12507-090T Datasheet
1Mb / 29P
   12V/7W Series
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
Rohm
BD5427MUV ROHM-BD5427MUV Datasheet
369Kb / 16P
   7W7W Class-D Speaker Amplifier for Analog Input
BD5427EFS ROHM-BD5427EFS Datasheet
434Kb / 16P
   7W7W Class-D Speaker Amplifier for Analog Input
logo
XFMRS Inc.
XF1556C-EP10S XFMRS-XF1556C-EP10S Datasheet
44Kb / 1P
   5.0V 7W POE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com