Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL-38-Y3-1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PLL-38-Y3-1
Description  Self-Laminating Labels for Laser AND Ink Jet Printers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLL-38-Y3-1 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLL-38-Y3-1 Datasheet HTML 1Page - PANDUIT CORP. PLL-38-Y3-1 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 2001 Panduit Corp. All Rights Reserved.
Product Bulletin
Self-Laminating Labels for Laser
AND Ink Jet Printers
Same label can be printed on laser or ink jet printer
White print-on area with clear overlaminate for
permanent protected identification
Thin film with permanent adhesive
US Letter Sheet Format (8.5" x 11" / 215.9mm x 279.4 mm)
DIN A4 Sheet Format (8.26" x 11.69" / 210 mm x 297 mm)
†Labels available with TIA Specified Colored Print-On Area. To order, insert color designation after ‘Y3” in part number: BLU for blue, BRN for Brown,
GRN for Green, GRY for Gray, ORN for Orange, PUR for Purple, RED for Red, or YEL for Yellow. I.E. order LSJL4-Y3BLU-2.5 for Blue
Print-On Area.
*Order number of labels required in multiples of Std. Pkg. Qty.
Part Number
Material
Label Size
A x B x C
In. (mm)
Nominal Cable
O.D. Range
In. (mm)
Typical
Electrical
(THHN)
Typical
UTP
Std.
Pkg.
Qty.*
LJSL1-Y3-5
GMY6
Self-
Laminating
Polyester
0.50 x 0.75 x 0.34 (12.7 x 19.1 x 8.6)
0.11 - 0.13 (2.7 - 3.3)
12 AWG
5000
LJSL2-Y3-5
0.50 x 1.50 x 0.50 (12.7 x 38.1 x 12.7)
0.16 - 0.32 (4.0 - 8.1)
8-6 AWG
4 Pair
5000
LJSL3-Y3-2.5
1.00 x 0.75 x 0.34 (25.4 x 19.1 x 8.6)
0.11 - 0.13 (2.7 - 3.3)
12 AWG
2500
LJSL3-Y3-5
5000
LJSL4-Y3-2.5
1.00 x 1.00 x 0.34 (25.4 x 25.4 x 8.6)
0.11 - 0.21 (2.7 - 5.3)
12-10 AWG
2500
LJSL5-Y3-1
1.00 x 1.33 x 0.47 (25.4 x 33.8 x 11.9)
0.15 - 0.27 (3.8 - 6.8)
10-6 AWG
4 Pair
1000
LJSL5-Y3-2.5
2500
LJSL20-Y3-1
1.00 x 1.33 x 0.50 (25.4 x 33.8 x 12.7)
0.16 - 0.26 (4.0 - 6.7)
8-6 AWG
4 Pair
1000
LJSL6-Y3-1
1.00 x 3.17 x 0.97 (25.4 x 80.5 x 24.6)
0.31 - 0.70 (7.8 - 17.8)
4 AWG-4/0
4-50 Pair
1000
LJSL19-Y3-1
1.00 x 5.45 x 1.00 (25.4 x 138.4 x 25.4)
0.32 - 1.42 (8.1 - 36.0)
4 AWG-
1000 MCM
4-300
Pair
1000
LJSL18-Y3-1
1.88 x 3.17 x 0.97 (47.8 x 80.5 x 24.6)
0.31 - 0.70 (7.8 - 17.8)
4 AWG-4/0
4-50 Pair
1000
LJSL7-Y3-1
2.00 x 1.50 x 0.50 (50.8 x 38.1 x 12.7)
0.16 - 0.32 (4.0 - 8.1)
8-6 AWG
4 Pair
1000
LJSL8-Y3-1
2.00 x 3.17 x 1.00 (50.8 x 80.5 x 25.4)
0.32 - 0.69 (8.1 - 17.5)
4 AWG-4/0
4-50 Pair
1000
Part Number
Material
Label Size
A x B x C
In. (mm)
Nominal Cable
O.D. Range
In. (mm)
Typical
Electrical
(THHN)
Typical
UTP
Std.
Pkg.
Qty.*
LJSL9-Y3-2.5
GMY6
Self-
Laminating
Polyester
0.70 x 1.33 x 0.33 (17.8 x 33.8 x 8.4)
0.11 - 0.32 (2.7 - 8.1)
12-6 AWG
4 Pair
2500
LJSL10-Y3-1
0.90 x 2.17 x 0.50 (22.9 x 55.0 x 12.7)
0.16 - 0.53 (4.0 - 13.5)
8 AWG-1/0
4-25 Pair
1000
LJSL21-Y3-1
0.90 x 2.17 x 0.67 (22.9 x 55.0 x 17.0)
0.21 - 0.48 (5.3 - 12.1)
8-1 AWG
4-25 Pair
1000
LJSL11-Y3-1
1.00 x 2.67 x 0.67 (25.4 x 67.8 x 16.9)
0.21 - 0.64 (5.3 - 16.2)
8 AWG-3/0
4-50 Pair
1000
LJSL12-Y3-1
1.20 x 2.67 x 0.83 (30.5 x 67.8 x 21.1)
0.26 - 0.58 (6.6 - 14.9)
6 AWG-2/0
4-25 Pair
1000
LJSL17-Y3-0.5
1.40 x 3.67 x 1.00 (35.6 x 93.1 x 25.4)
0.32 - 0.85 (8.1 - 21.6)
4 AWG-
350 MCM
4-50
Pair
500
LJSL14-Y3-0.5
1.40 x 5.50 x 1.00 (35.6 x 139.7 x 25.4)
0.32 - 1.40 (8.1 - 35.6)
4 AWG-
1000 MCM
4-300
Pair
500
LJSL15-Y3-0.5
1.80 x 5.50 x 1.17 (45.7 x 139.7 x 29.6)
0.37 - 1.38 (9.5 - 35.0)
2 AWG-
1000 MCM
4-300
Pair
500
LJSL21-PO3-1
GMPO6
Polyolefin
0.90 x 2.17 x 0.67 (22.9 x 55.0 x 17.0)
0.21 - 0.48 (5.3 - 12.1)
8-1 AWG
4-25 Pair
1000
A
B
C


Similar Part No. - PLL-38-Y3-1

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PLL0210A ZCOMM-PLL0210A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
List of Unclassifed Man...
PLL0930A ETC-PLL0930A Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
logo
Altech corporation
PLL1 ALTECH-PLL1 Datasheet
191Kb / 1P
   30 mm Replacement Lenses for pilot lights PLLx (x=color)
logo
List of Unclassifed Man...
PLL1000A ETC-PLL1000A Datasheet
80Kb / 2P
   PHASE LOCKED LOOP
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
   Low Skew Output Buffer
More results

Similar Description - PLL-38-Y3-1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
Tyco Electronics
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
   CSL A4 Laser printable self-laminating labels
logo
PANDUIT CORP.
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
   OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C138X019FJJ PANDUIT-C138X019FJJ Datasheet
52Kb / 1P
   OPTIMUM LASER INK-JET LABELS 1.380" X 0.190"||" "628837
OPTIMUM C150X075YJD COMPUTER PRINTABLE LABELS
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
   OPTIMUM LASER/INK JET
C188X030FJJ PANDUIT-C188X030FJJ Datasheet
43Kb / 1P
   OPTIMUM LASER INK-JET LABELS 1.880" X 0.300"||" "628839
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL, 1.
logo
List of Unclassifed Man...
TKM-75 ETC2-TKM-75 Datasheet
49Kb / 1P
   TKM self-laminating write-on labels
logo
PANDUIT CORP.
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com