Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6216255HLJP-10 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM6216255HLJP-10
Description  4M high Speed SRAM (256-kword x 16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6216255HLJP-10 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM6216255HLJP-10 Datasheet HTML 1Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 2Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 3Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 4Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 5Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 6Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 7Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 8Page - Hitachi Semiconductor HM6216255HLJP-10 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HM6216255H Series
4M high Speed SRAM (256-kword
× 16-bit)
ADE-203-763D (Z)
Rev. 1.0
Sep. 15, 1998
Description
The HM6216255H Series is a 4-Mbit high speed static RAM organized 256-k word
× 16-bit. It has realized
high speed access time by employing CMOS process (4-transistor + 2-poly resistor memory cell) and high
speed circuit designing technology. It is most appropriate for the application which requires high speed, high
density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged
in 400-mil 44-pin plastic SOJ and 400-mil 44-pin plastic TSOPII.
Features
• Single 5.0 Vsupply : 5.0 V ± 10 %
• Access time: 10/12/15 ns (max)
• Completely static memory
 No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
 All inputs and outputs
• Operating current: 200/180/160 mA (max)
• TTL standby current: 70/60/50 mA (max)
• CMOS standby current: 5 mA (max)
: 1.2 mA (max) (L-version)
• Data retansion current: 0.8 mA (max) (L-version)
• Data retantion voltage: 2 V (min) (L-version)
• Center V
CC and VSS type pinout


Similar Part No. - HM6216255HLJP-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM6216255HCJP-10 HITACHI-HM6216255HCJP-10 Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM6216255HCLJP-10 HITACHI-HM6216255HCLJP-10 Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM6216255HCLTT-10 HITACHI-HM6216255HCLTT-10 Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM6216255HCTT-10 HITACHI-HM6216255HCTT-10 Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
More results

Similar Description - HM6216255HLJP-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Hitachi Semiconductor
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com