Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JU2024-KM357P6-30515-0G0T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # JU2024-KM357P6-30515-0G0T
Description  30V/15W Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

JU2024-KM357P6-30515-0G0T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  JU2024-KM357P6-30515-0G0T Datasheet HTML 1Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 2Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 3Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 4Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 5Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 6Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 7Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 8Page - Everlight Electronics Co., Ltd JU2024-KM357P6-30515-0G0T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DATASHEET
JU2024
30V/15W Series
5
Copyright © 2013, Everlight All Rights Reserved. Release Date: 06.26.2013. Issue No: DHE-0002068
www.everlight.com
Warm
White
2700
Warm
White
3000
Warm
White
3500
Neutral
White
4000
Cool
White
5700
Cool
White
6500
Neutral
White
4500
Cool
White
5000
PN of the JU2024 Series : White LEDs
Color
Order Code of JU2024
Minimum
Luminous
Flux (lm) [1]
@TJ=25
Typical
Luminous
Flux (lm) [1]
@TJ=25
Typical
Luminous
Flux (lm)
@TJ=85
CCT (K)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(min.)
[2]
JU2024-KM277P5-30515-0G0T
1425
1580
1390
27K-1~27K-4
27.0~33.0
500
80
JU2024-KM307P6-30515-0G0T
1500
1650
1450
30K-1~30K-4
27.0~33.0
500
80
JU2024-KM357P6-30515-0G0T
1500
1700
1500
35K-1~35K-4
27.0~33.0
500
80
JU2024-KM407P6-30515-0G0T
1575
1750
1540
40K-1~40K-4
27.0~33.0
500
80
JU2024-KM457P7-30515-0G0T
1650
1780
1560
45K-1~45K-4
27.0~33.0
500
80
JU2024-KT507P7-30515-0G0T
1650
1800
1580
50K-1~50K-4
27.0~33.0
500
80
JU2024-KT577P7-30515-0G0T
1725
1850
1620
57K-1~57K-4
27.0~33.0
500
80
JU2024-KT657P7-30515-0G0T
1725
1850
1620
65K-1~65K-4
27.0~33.0
500
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Luminous flux measurement tolerance: ±10%.
3.
The values of luminous flux measured at TJ=85
℃ are calculated and for reference only.
4.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.


Similar Part No. - JU2024-KM357P6-30515-0G0T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU2024-KM307P6-30515-0G0T EVERLIGHT-JU2024-KM307P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
More results

Similar Description - JU2024-KM357P6-30515-0G0T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
JU2024-KM307P6-30515-0G0T EVERLIGHT-JU2024-KM307P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT507P7-30515-0G0T EVERLIGHT-JU2024-KT507P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM277P5-30515-0G0T EVERLIGHT-JU2024-KM277P5-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM457P7-30515-0G0T EVERLIGHT-JU2024-KM457P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM407P6-30515-0G0T EVERLIGHT-JU2024-KM407P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT577P7-30515-0G0T EVERLIGHT-JU2024-KT577P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT657P7-30515-0G0T EVERLIGHT-JU2024-KT657P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
logo
Emerson Network Power
AEESERIES EMERSON-NETWORKPOWER-AEESERIES Datasheet
169Kb / 2P
   AEE 15W Series
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com