Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XI3030-KK3C-H3030R8S4S2Z1 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # XI3030-KK3C-H3030R8S4S2Z1
Description  SMD HP ??XI3030(2S) Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3030-KK3C-H3030R8S4S2Z1 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3030R8S4S2Z1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LifecyclePhase:
Revision
: 6
Expired Period: Forever
Release Date:2013-10-16 17:18:46.0
DATASHEET
SMD HP XI3030(2S)
Series
4 Copyright © 2012, Everlight All Rights Reserved. Release Date: Oct.11.2013 Issue No: DSE-0009158 Rev:6
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA)
IF
240
mA
Max. Peak Pulse Current (mA)
IPulse
300
[1]
mA
Power Dissipation
Pd
1
W
Thermal Resistance
Rth
15
°C/W
Max. Junction Temperature
TJ
115
°C
Operating Temperature
TOpr
-40 ~ +85
°C
Storage Temperature
TStg
-40 ~ +100
°C
Max. Soldering Temperature
TSol
260
°C
Max. Allowable Reflow Cycles
n/a
2
cycles
Notes:
1.
Duty cycle = 1/10@1KHZ


Similar Part No. - XI3030-KK3C-H3030R8S4S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H3535R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3535R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP XI3030(2S) Series
More results

Similar Description - XI3030-KK3C-H3030R8S4S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H3535R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3535R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP XI3030(2S) Series
XI3030-KK3C-H2727R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H2727R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
XI3030-KK3C-H4040R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H4040R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H5757S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5757S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H5050S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5050S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H6565R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H6565R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
logo
Ferroxcube Internationa...
CP-P18-2S FERROXCUBE-CP-P18-2S Datasheet
39Kb / 1P
   CP-P18-2S
logo
KEC(Korea Electronics)
GBL2J KEC-GBL2J Datasheet
20Kb / 1P
   GBL(2S) PACKAGE
logo
Adels-Contact
151482 ADELS-151482 Datasheet
118Kb / 1P
   160 BU/ 2s
30/12/2019
logo
Ferroxcube Internationa...
CP-P22-2S FERROXCUBE-CP-P22-2S Datasheet
39Kb / 1P
   CP-P22/13-2S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com