Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-68SDF-V802M104B Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-V802M104B
Description  1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-V802M104B Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-V802M104B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-V802M104B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-V802M104B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-V802M104B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-V802M104B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
TENTATIVE
FU-68SDF-V802MxxxB
1.58
µm (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70°C)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Thermistor resistance
Rth
Tld=25
°C
9.5
10
10.5
k
B constant of Rth
B
-
-
3950
-
K
Cooling capacity
∆T
Pf=2mW, Tc=70
°C
50
-
-
°C
Cooler current
Ipe
Pf=2mW, Tc=70
°C, Tld=Tset
-
0.6
1
A
Cooler voltage
Vpe
Pf=2mW, Tc=70
°C, Tld=Tset
-
1.2
2
V
FIBER PIGTAIL SPECIFICATIONS
Parameter
Limits
Unit
Type
SM
-
Mode field diameter
9.5+/-1
µm
Cladding diameter
125+/-2
µm
Secondary coating outer diameter
0.9+/-0.1
mm
Connector
FC/PC
-
Optical return loss of connector
40 (min)
dB
DOCUMENTATION (Tld=Tset)
Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70°C
BER curves at 2.48832Gb/s modulation
Threshold current (Ith)
Laser forward current (Iop) at Pf=2mW
Laser forward voltage (Vop) at Pf=2mW
Laser operating temperature (Tset) at λc (Note 5)
Monitor current (Imon) at Pf=2mW
Thermistor resistance (Rth)
Cooler current (Ipe) at Pf=2mW and Tc=70°C
Cooler voltage (Vpe) at Pf=2mW and Tc=70°C
Note 5) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified
value accurately.


Similar Part No. - FU-68SDF-V802M104B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68SDF-V802M104B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXXB MITSUBISHI-FU-68PDF-V510MXXXB Datasheet
92Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXXB MITSUBISHI-FU-68PDF-V520MXXXB Datasheet
96Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com