Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62G18512 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HM62G18512
Description  8M Synchronous Fast Static RAM(512k-word x 18-bit)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62G18512 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HM62G18512 Datasheet HTML 1Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 2Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 3Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 4Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 5Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 6Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 7Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 8Page - Hitachi Semiconductor HM62G18512 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
HM62G18512 Series
2
Ordering Information
Type No.
Access time
Cycle time
Package
HM62G18512BP-4
HM62G18512BP-5
2.1 ns
2.5 ns
4.0 ns
5.0 ns
119-bump 1. 27 mm
14 mm
× 22 mm BGA (BP-119A)
Pin Arrangement
1234567
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ SA0
SA6
NC
SA4
SA2 VDDQ
NC
NC
SA7
NC
SA8 SA18 NC
NC SA13 SA3 VDD SA5
SA1
NC
DQb0 NC
VSS
ZQ
VSS DQa4 NC
NC DQb1 VSS
SS
VSS
NC DQa5
VDDQ NC
VSS
G
VSS DQa6 VDDQ
NC DQb2
SWEb NC
NC DQa7
DQb3 NC
VSS
NC
VSS DQa8 NC
VDDQ VDD VREF VDD VREF VDD VDDQ
NC DQb8 VSS
K
VSS
NC DQa3
DQb7 NC
K SWEa DQa2 NC
VDDQ DQb6 VSS
SWE VSS
NC VDDQ
DQb5 NC
VSS SA16 VSS DQa1 NC
NC DQb4 VSS SA14 VSS
NC DQa0
NC
SA9
M1
VDD
M2 SA10 NC
NC SA17 SA11 NC SA12 SA15
ZZ
VDDQ TMS
TDI
TCK TDO
NC VDDQ
(Top view)
VSS
VSS
119-bumps BGA


Similar Part No. - HM62G18512

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-4 HITACHI-HM62G36256BP-4 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-5 HITACHI-HM62G36256BP-5 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
More results

Similar Description - HM62G18512

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
logo
Cypress Semiconductor
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
logo
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com