Electronic Components Datasheet Search |
|
HM628512CLFPI-7 Datasheet(PDF) 8 Page - Hitachi Semiconductor |
|
HM628512CLFPI-7 Datasheet(HTML) 8 Page - Hitachi Semiconductor |
8 / 17 page HM628512CI Series 8 Write Cycle HM628512CI -7 Parameter Symbol Min Max Unit Notes Write cycle time t WC 70 — ns Chip selection to end of write t CW 60 — ns 4 Address setup time t AS 0 — ns 5 Address valid to end of write t AW 60 — ns Write pulse width t WP 50 — ns 3, 12 Write recovery time t WR 0 — ns 6 WE to output in high-Z t WHZ 0 25 ns 1, 2, 7 Data to write time overlap t DW 30 — ns Data hold from write time t DH 0— ns Output active from output in high-Z t OW 5 — ns 2 Output disable to output in high-Z t OHZ 0 25 ns 1, 2, 7 Notes: 1. t HZ, t OHZ and t WHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referred to output voltage levels. 2. This parameter is sampled and not 100% tested. 3. A write occurs during the overlap (t WP) of a low CS and a low WE. A write begins at the later transition of CS going low or WE going low. A write ends at the earlier transition of CS going high or WE going high. t WP is measured from the beginning of write to the end of write. 4. t CW is measured from CS going low to the end of write. 5. t AS is measured from the address valid to the beginning of write. 6. t WR is measured from the earlier of WE or CS going high to the end of write cycle. 7. During this period, I/O pins are in the output state so that the input signals of the opposite phase to the outputs must not be applied. 8. If the CS low transition occurs simultaneously with the WE low transition or after the WE transition, the output remain in a high impedance state. 9. Dout is the same phase of the write data of this write cycle. 10. Dout is the read data of next address. 11. If CS is low during this period, I/O pins are in the output state. Therefore, the input signals of the opposite phase to the outputs must not be applied to them. 12. In the write cycle with OE low fixed, t WP must satisfy the following equation to avoid a problem of data bus contention. t WP ≥ tDW min + tWHZ max |
Similar Part No. - HM628512CLFPI-7 |
|
Similar Description - HM628512CLFPI-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |