Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62G36256BP-5 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HM62G36256BP-5
Description  8M Synchronous Fast Static RAM(256k-word x 36-bit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62G36256BP-5 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HM62G36256BP-5 Datasheet HTML 1Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 2Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 3Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 4Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 5Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 6Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 7Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 8Page - Hitachi Semiconductor HM62G36256BP-5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HM62G36256 Series
3
Pin Description
Name
I/O type
Descriptions
Notes
V
DD
Supply
Core power supply
V
SS
Supply
Ground
V
DDQ
Supply
Output power supply
V
REF
Supply
Input reference: provides input reference voltage
K
Input
Clock input. Active high.
K
Input
Clock input. Active low.
SS
Input
Synchronous chip select
SWE
Input
Synchronous write enable
SAn
Input
Synchronous address input
n = 0, 1, 2...17
SWEx
Input
Synchronous byte write enables
x = a, b, c, d
G
Input
Asynchronous output enable
ZZ
Input
Power down mode select
ZQ
Input
Output impedance control
1
DQxn
I/O
Synchronous data input/output
x = a, b, c, d
n = 0, 1, 2...8
M1, M2
Input
Output protocol mode select
TMS
Input
Boundary scan test mode select
TCK
Input
Boundary scan test clock
TDI
Input
Boundary scan test data input
TDO
Output
Boundary scan test data output
NC
No connection
M1
M2
Protocol
Notes
V
SS
V
DD
Synchronous register to register operation
2
Notes: 1. ZQ is to be connected to V
SS via a resistance RQ where 150 Ω ≤ RQ ≤ 300 Ω, if ZQ = VDDQ or
open, output buffer impedance will be maximum. A case of minimum impedance, it needs to
connect over 120
Ω between ZQ and V
SS.
2. There is 1 protocol with mode pin. Mode control pins (M1, M2) are to be tied either V
DD or VSS
respectively. The state of the Mode control inputs must be set before power-up and must not
change during device operation. Mode control inputs are not standard inputs and may not meet
V
IH or VIL specification.
This SRAM is tested only in the synchronous register to register
operation.


Similar Part No. - HM62G36256BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G18512 HITACHI-HM62G18512 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
HM62G18512BP-4 HITACHI-HM62G18512BP-4 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
HM62G18512BP-5 HITACHI-HM62G18512BP-5 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
More results

Similar Description - HM62G36256BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G18512 HITACHI-HM62G18512 Datasheet
121Kb / 23P
   8M Synchronous Fast Static RAM(512k-word x 18-bit)
logo
NEC
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com