Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628512BLRRI-7 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM628512BLRRI-7
Description  4 M SRAM (512-kword x 8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628512BLRRI-7 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM628512BLRRI-7 Datasheet HTML 1Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 2Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 3Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 4Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 5Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 6Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 7Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 8Page - Hitachi Semiconductor HM628512BLRRI-7 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HM628512BI Series
4 M SRAM (512-kword
× 8-bit)
ADE-203-935C (Z)
Rev. 2.0
Aug. 24, 1999
Description
The Hitachi HM628512BI is a 4-Mbit static RAM organized 512-kword
× 8-bit. HM628512BI Series has
realized higher density, higher performance and low power consumption by employing Hi-CMOS process
technology. The HM628512BI Series offers low power standby power dissipation; therefore, it is suitable for
battery backup systems. It has packaged in 32-pin SOP, 32-pin TSOP II and 32-pin DIP.
Features
• Single 5 V supply
• Access time: 70/85 ns (max)
• Power dissipation
 Active: 50 mW/MHz (typ)
 Standby: 10 µW (typ)
• Completely static memory. No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state output
• Directly TTL compatible: All inputs and outputs
• Battery backup operation
• Operating temperature: –40 to +85˚C


Similar Part No. - HM628512BLRRI-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512BLRR-5 HITACHI-HM628512BLRR-5 Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLRR-5SL HITACHI-HM628512BLRR-5SL Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLRR-5UL HITACHI-HM628512BLRR-5UL Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLRR-7 HITACHI-HM628512BLRR-7 Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLRR-7SL HITACHI-HM628512BLRR-7SL Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM628512BLRRI-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com