Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39506-1014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39506-1014
Description  3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39506-1014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39506-1014 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39506-1014
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.50mm Pitch Eurostyle™ Horizontal PCB Header, with Threaded Retention Inserts, 14
Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39506
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350450713
Physical
Circuits (Loaded)
14
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.50mm
PCB Thickness - Recommended
2.50mm
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39506-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39506Series
Mates With
Most 3.50mm Pitch Industry Standard
Plugs, 39504 Horizontal Plug with Retention
Screws, 39507 Vertical Plug with Retention
Screws
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39506-1014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39506-1010 MOLEX11-39506-1010 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1011 MOLEX11-39506-1011 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1012 MOLEX5-39506-1012 Datasheet
164Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 12 Circuits
39506-1012 MOLEX11-39506-1012 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1013 MOLEX11-39506-1013 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
More results

Similar Description - 39506-1014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39506-1012 MOLEX11-39506-1012 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39510-0012 MOLEX11-39510-0012 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1019 MOLEX11-39506-1019 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1008 MOLEX11-39506-1008 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1018 MOLEX11-39506-1018 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1017 MOLEX11-39506-1017 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1020 MOLEX11-39506-1020 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1010 MOLEX11-39506-1010 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1015 MOLEX11-39506-1015 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
39506-1016 MOLEX11-39506-1016 Datasheet
43Kb / 1P
   3.50mm Pitch Eurostyle Horizontal PCB Header, with Threaded Retention Inserts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com