Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W16255HI Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HM62W16255HI
Description  4M High Speed SRAM (256-kword x 16-bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W16255HI Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HM62W16255HI Datasheet HTML 1Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 2Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 3Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 4Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 5Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 6Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 7Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 8Page - Hitachi Semiconductor HM62W16255HI Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HM62W16255HI Series
4
Operation Table
CS
OE
WE LB
UB
Mode
V
CC current
I/O1–I/O8
I/O9–I/O16
Ref. cycle
H
××××
Standby
I
SB, I SB1
High-Z
High-Z
LH
H
××
Output disable
I
CC
High-Z
High-Z
L
L
H
L
L
Read
I
CC
Output
Output
Read cycle
L
L
H
L
H
Lower byte read I
CC
Output
High-Z
Read cycle
L
L
H
H
L
Upper byte read I
CC
High-Z
Output
Read cycle
L
L
HHH—
I
CC
High-Z
High-Z
L
×
L
L
L
Write
I
CC
Input
Input
Write cycle
L
×
L
L
H
Lower byte write I
CC
Input
High-Z
Write cycle
L
×
L
H
L
Upper byte write I
CC
High-Z
Input
Write cycle
L
×
L
HH—
I
CC
High-Z
High-Z
Note:
×: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
Voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.5*
2
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–40 to +85
°C
Notes: 1. V
T (min) = –2.0 V for pulse width (under shoot) ≤ 8 ns
2. V
T (max) = VCC + 2.0 V for pulse width (over shoot) ≤ 8 ns


Similar Part No. - HM62W16255HI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HCI HITACHI-HM62W16255HCI Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
HM62W16255HCJP-10 HITACHI-HM62W16255HCJP-10 Datasheet
92Kb / 18P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255HCJPI-12 HITACHI-HM62W16255HCJPI-12 Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
More results

Similar Description - HM62W16255HI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
   4M high Speed SRAM (256-kword x 16-bit)
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com