Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W16255HTT-12 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM62W16255HTT-12
Description  4M High Speed SRAM (256-kword x 16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W16255HTT-12 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM62W16255HTT-12 Datasheet HTML 1Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 2Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 3Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 4Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 5Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 6Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 7Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 8Page - Hitachi Semiconductor HM62W16255HTT-12 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HM62W16255H Series
5
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC*
3
3.0
3.3
3.6
V
V
SS*
4
000V
Input voltage
V
IH
2.2
V
CC + 0.5*
2
V
V
IL
–0.5*
1
0.8
V
Notes: 1. V
IL (min) = –2.0 V for pulse width (under shoot) ≤ 8 ns
2. V
IH (max) = VCC + 2.0 V for pulse width (over shoot) ≤ 8 ns
3. The supply voltage with all V
CC pins must be on the same level.
4. The supply voltage with all V
SS pins must be on the same level.
DC Characteristics (Ta = 0 to +70
°C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V)
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|
——2
µA
Vin = V
SS to V CC
Output leakage
current*
1
|I
LO|
——2
µA
Vin = V
SS to V CC
Operating power
supply current
12 ns cycle I
CC
180
mA
Min cycle
CS = V
IL, Iout = 0 mA
Other inputs = V
IH/VIL
15 ns cycle I
CC
160
Standby power supply
current
12 ns cycle I
SB
60
mA
Min cycle,
CS = V
IH,
Other inputs = V
IH/VIL
15 ns cycle I
SB
——50
I
SB1
0.05
5
mA
f = 0 MHz
V
CC ≥ CS ≥ VCC – 0.2 V,
(1) 0 V
≤ Vin ≤ 0.2 V or
(2) V
CC ≥ Vin ≥ VCC – 0.2 V
—*
2
0.05*
2
1.0*
2
Output voltage
V
OL
0.4
V
I
OL = 8 mA
V
OH
2.4
V
I
OH = –4 mA
Note:
1. Typical values are at V
CC = 3.3 V, Ta = +25°C and not guaranteed.
2. This characteristics is guaranteed only for L-version.


Similar Part No. - HM62W16255HTT-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255HTTI-15 HITACHI-HM62W16255HTTI-15 Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
More results

Similar Description - HM62W16255HTT-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
   4M high Speed SRAM (256-kword x 16-bit)
HM62W16255HC HITACHI-HM62W16255HC Datasheet
92Kb / 18P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com