Electronic Components Datasheet Search |
|
HM62W16255HLTT-12 Datasheet(PDF) 1 Page - Hitachi Semiconductor |
|
HM62W16255HLTT-12 Datasheet(HTML) 1 Page - Hitachi Semiconductor |
1 / 17 page HM62W16255H Series 4M High Speed SRAM (256-kword × 16-bit) ADE-203-751D (Z) Rev. 1.0 Sep. 15, 1998 Description The HM62W16255H is a 4-Mbit high speed static RAM organized 256-kword × 16-bit. It has realized high speed access time by employing CMOS process (4-transistor + 2-poly resistor memory cell)and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. The HM62W16255H is packaged in 400-mil 44-pin SOJ and 400-mil 44-pin plastic TSOPII for high density surface mounting. Features • Single 3.3 V supply: 3.3 V ± 0.3V • Access time: 12/15 ns (max) • Completely static memory No clock or timing strobe required • Equal access and cycle times • Directly TTL compatible All inputs and outputs • Operating current: 180/160 mA (max) • TTL standby current: 60/50 mA (max) • CMOS standby current: 5 mA (max) : 1mA (max) (L-version) • Data retension current: 0.6 mA (max) (L-version) • Data retension voltage: 2.0 V (min) (L-version) • Center V CC and VSS type pinout |
Similar Part No. - HM62W16255HLTT-12 |
|
Similar Description - HM62W16255HLTT-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |