Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62V8512BLRR-7 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM62V8512BLRR-7
Description  4 M SRAM (512-kword x 8-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62V8512BLRR-7 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM62V8512BLRR-7 Datasheet HTML 3Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 4Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 5Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 6Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 7Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 8Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 9Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 10Page - Hitachi Semiconductor HM62V8512BLRR-7 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HM62V8512B Series
7
AC Characteristics (Ta = –20 to +70
°C, V
CC = 2.7 V to 3.6 V, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.4 V to 2.4 V
• Input rise and fall time: 5 ns
• Input timing reference levels: 1.4 V
• Output timing reference level: 1.5 V/1.5 V(HM62V8512B-7)
0.8 V/2.0 V(HM62V8512B-8)
Output load: 1 TTL Gate + C
L (50 pF)
(Including scope & jig)
Read Cycle
HM62V8512B
-7
-8
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
70
85
ns
Address access time
t
AA
70
85
ns
Chip select access time
t
CO
70
85
ns
Output enable to output valid
t
OE
35
45
ns
Chip selection to output in low-Z
t
LZ
10
10
ns
2
Output enable to output in low-Z
t
OLZ
5—
5—
ns
2
Chip deselection to output in high-Z
t
HZ
0
30
0
35
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
30
0
35
ns
1, 2
Output hold from address change
t
OH
10
10
ns


Similar Part No. - HM62V8512BLRR-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
   4 M SRAM (512-kword 쨈 8-bit)
logo
Hitachi Semiconductor
HM62V8512CI HITACHI-HM62V8512CI Datasheet
57Kb / 13P
   Wide Temperature Range Version4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
logo
Hitachi Semiconductor
HM62V8512CLFP-5 HITACHI-HM62V8512CLFP-5 Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM62V8512BLRR-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com