Selected language     English  ▼


F-349XP Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part No. F-349XP
Description  POWER TRANSFORMER PC Mount Dual Primary
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 2 page
background image
Power Transformers
PC
Moun t
Type
Secondary
Dimensions
Wt.
Section
No.
Figure
VA
Series
Parallel
H
W
D
L
A
B
MW
Oz.
F-3132P
15.0V CT @ 0.1A
7.5V @ 0.2A
A
F-333P
B11/2
30.0V CT @ 0.050A
15.0V @ 0.100A
F-367P
230.0V CT @ 0.0065A
115.0V @ 0.013A
B
F-348XP
A41/2
12.6V CT @ 0.350A
6.3V @ 0.700A
13/8
23/8
11/4
15/8
1
/4
17/64
2
6.5
F-3142XP
15.0V CT @ 0.3A
7.5V @ 0.6A
F-349XP
16.0V CT @ 0.280A
8.0V @ 0.560A
C
F-350XP
A4
1/2
24.0V CT @ 0.180A
12.0V @ 0.360A
F-358XP
20.0V CT @ 0.225A
10.0V @ 0.450A
F-3143XP
30.0V CT @ 0.15A
15.0V @ 0.3A
F-363XP
230.0V CT @ 0.020A
115.0V @ 0.040A
D
F-3152XP
A7
1/2
15.0V CT @ 0.5A
7.5V @ 1.0A
F-3153XP
30.0V CT @ 0.25A
15.0V @ 0.5A
F-359XP
24.0V CT @ 0.450A
12.0V @ 0.900A
F-362XP
20.0V CT @ 0.500A
10.0V @ 1.0A
E
F-365XP
A
10
12.6V CT @ 0.800A
6.3.0V @ 1.6A
F-366XP
16.0V CT @ 0.640A
8.0V @ 1.28A
F-369XP
230.0V CT @ 0.044A
115.0V @ 0.088A
F-370P
10.0V CT @ 2.4A
5.0V @ 4.8A
F-371P
12.6V CT @ 2.0A
6.3V @ 4.0A
F-372P
16.0V CT @ 1.5A
8.0V @ 3.0A
F-373P
20.0V CT @ 1.2A
10.0V @ 2.4A
F-374P
B24
24.0V CT @ 1.0A
12.0V @ 2.0A
F
F-375P
28.0V CT @ 0.8A
14.0V @ 1.6A
F-376P
34.0V CT @ 0.7A
17.0V @ 1.4A
F-377P
40.0V CT @ 0.6A
20.0V @ 1.2A
F-378P
56.0V CT @ 0.42A
28.0V @ 0.84A
F-379P
120.0V CT @ 0.2A
60.0V @ 0.4A
:: Dual P r imar y , Dual S ec ondaries
CT = Center Tap
Mounting hole size: Figure A = 3/16"
17/16
23/8
11/4
15/8
1
/4
17/64
2
6.5
15/8
213/16
17/16
17/8
1
/4
15/16
23/8
11.0
15/8
213/16
17/16
17/8
1
/4
15/16
23/8
11.0
13/8
21/4
15/8
1
/4
27/64
13.3
13/16
11/8
13
/64
1
4.0
:: Description
Triad power transformers are offered in a wide selection of plug-in
types to meet the needs of PC board and solid state power supply
designs. These transformers can satisfy power as well as control and
instrumentation applications. The transformers are available in a
single or dual primary and dual center tapped secondary configurations.
:: Specifica tions
Primary: 115/230 V, 50/60 Hz
F igur e A
F igur e B




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl