Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-379P Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part # F-379P
Description  POWER TRANSFORMER PC Mount Dual Primary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-379P Datasheet(HTML) 2 Page - TRIAD MAGNETICS

  F-379P Datasheet HTML 1Page - TRIAD MAGNETICS F-379P Datasheet HTML 2Page - TRIAD MAGNETICS F-379P Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Transformers
PC
Moun t
Type
Secondary
Dimensions
Wt.
Section
No.
Figure
VA
Series
Parallel
H
W
D
L
A
B
MW
Oz.
F-3132P
15.0V CT @ 0.1A
7.5V @ 0.2A
A
F-333P
B11/2
30.0V CT @ 0.050A
15.0V @ 0.100A
F-367P
230.0V CT @ 0.0065A
115.0V @ 0.013A
B
F-348XP
A41/2
12.6V CT @ 0.350A
6.3V @ 0.700A
13/8
23/8
11/4
15/8
1
/4
17/64
2
6.5
F-3142XP
15.0V CT @ 0.3A
7.5V @ 0.6A
F-349XP
16.0V CT @ 0.280A
8.0V @ 0.560A
C
F-350XP
A4
1/2
24.0V CT @ 0.180A
12.0V @ 0.360A
F-358XP
20.0V CT @ 0.225A
10.0V @ 0.450A
F-3143XP
30.0V CT @ 0.15A
15.0V @ 0.3A
F-363XP
230.0V CT @ 0.020A
115.0V @ 0.040A
D
F-3152XP
A7
1/2
15.0V CT @ 0.5A
7.5V @ 1.0A
F-3153XP
30.0V CT @ 0.25A
15.0V @ 0.5A
F-359XP
24.0V CT @ 0.450A
12.0V @ 0.900A
F-362XP
20.0V CT @ 0.500A
10.0V @ 1.0A
E
F-365XP
A
10
12.6V CT @ 0.800A
6.3.0V @ 1.6A
F-366XP
16.0V CT @ 0.640A
8.0V @ 1.28A
F-369XP
230.0V CT @ 0.044A
115.0V @ 0.088A
F-370P
10.0V CT @ 2.4A
5.0V @ 4.8A
F-371P
12.6V CT @ 2.0A
6.3V @ 4.0A
F-372P
16.0V CT @ 1.5A
8.0V @ 3.0A
F-373P
20.0V CT @ 1.2A
10.0V @ 2.4A
F-374P
B24
24.0V CT @ 1.0A
12.0V @ 2.0A
F
F-375P
28.0V CT @ 0.8A
14.0V @ 1.6A
F-376P
34.0V CT @ 0.7A
17.0V @ 1.4A
F-377P
40.0V CT @ 0.6A
20.0V @ 1.2A
F-378P
56.0V CT @ 0.42A
28.0V @ 0.84A
F-379P
120.0V CT @ 0.2A
60.0V @ 0.4A
:: Dual P r imar y , Dual S ec ondaries
CT = Center Tap
Mounting hole size: Figure A = 3/16"
17/16
23/8
11/4
15/8
1
/4
17/64
2
6.5
15/8
213/16
17/16
17/8
1
/4
15/16
23/8
11.0
15/8
213/16
17/16
17/8
1
/4
15/16
23/8
11.0
13/8
21/4
15/8
1
/4
27/64
13.3
13/16
11/8
13
/64
1
4.0
:: Description
Triad power transformers are offered in a wide selection of plug-in
types to meet the needs of PC board and solid state power supply
designs. These transformers can satisfy power as well as control and
instrumentation applications. The transformers are available in a
single or dual primary and dual center tapped secondary configurations.
:: Specifica tions
Primary: 115/230 V, 50/60 Hz
F igur e A
F igur e B


Similar Part No. - F-379P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
F-370-58 MOLEX4-F-370-58 Datasheet
149Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
logo
TRIAD MAGNETICS
F-370P TRIAD-F-370P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-371P TRIAD-F-371P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-373P TRIAD-F-373P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-374P TRIAD-F-374P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
More results

Similar Description - F-379P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-358XP TRIAD-F-358XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-365XP TRIAD-F-365XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-367P TRIAD-F-367P_13 Datasheet
137Kb / 1P
   PC Mount: Dual Primary
F-374P TRIAD-F-374P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-375P TRIAD-F-375P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-349XP TRIAD-F-349XP_13 Datasheet
42Kb / 1P
   PC Mount: Dual Primary
F-370P TRIAD-F-370P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-376P TRIAD-F-376P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
F-3152XP TRIAD-F-3152XP_13 Datasheet
71Kb / 1P
   PC Mount: Dual Primary
F-371P TRIAD-F-371P_13 Datasheet
135Kb / 1P
   PC Mount: Dual Primary
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com