Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9264B Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM9264B
Description  64 k SRAM (8-kword x 8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM9264B Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM9264B Datasheet HTML 5Page - Hitachi Semiconductor HM9264B Datasheet HTML 6Page - Hitachi Semiconductor HM9264B Datasheet HTML 7Page - Hitachi Semiconductor HM9264B Datasheet HTML 8Page - Hitachi Semiconductor HM9264B Datasheet HTML 9Page - Hitachi Semiconductor HM9264B Datasheet HTML 10Page - Hitachi Semiconductor HM9264B Datasheet HTML 11Page - Hitachi Semiconductor HM9264B Datasheet HTML 12Page - Hitachi Semiconductor HM9264B Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HM9264B Series
Write Cycle
HM9264B-8L
HM9264B-10L
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
85
100
ns
Chip selection to end of write
t
CW
75
80
ns
2
Address setup time
t
AS
0—
0—
ns
3
Address valid to end of write
t
AW
75
80
ns
Write pulse width
t
WP
55
60
ns
1, 9
Write recovery time
t
WR
0—
0—
ns
4
WE to output in high-Z
t
WHZ
0
30
0
35
ns
5
Data to write time overlap
t
DW
40
40
ns
Data hold from write time
t
DH
0—
0—
ns
Output active from end of write
t
OW
5—
5—
ns
Output disable to output in high-Z
t
OHZ
0
30
0
35
ns
5
Notes: 1. A write occurs during the overlap of a low
CS1, and high CS2, and a high WE. A write begins
at the latest transition among
CS1 going low,CS2 going high and WE going low. A write ends
at the earliest transition among
CS1 going high CS2 going low and WE going high. Time t
WP is
measured from the beginning of write to the end of write.
2. t
CW is measured from the later of CS1 going low or CS2 going high to the end of write.
3. t
AS is measured from the address valid to the beginning of write.
4. t
WR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write
cycle.
5. During this period, I/O pins are in the output state, therefore the input signals of the opposite
phase to the outputs must not be applied.
6. If
CS1 goes low simultaneously with WE going low after WE goes low, the outputs remain in
high impedance state.
7. Dout is the same phase of the written data in this write cycle.
8. Dout is the read data of the next address
9. In the write cycle with
OE low fixed, t
WP must satisfy the following equation to avoid a problem
of data bus contention
t
WP ≥ tWHZ max + tDW min.


Similar Part No. - HM9264B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9266 HMSEMI-HM9266 Datasheet
386Kb / 8P
   Boost DC/DC converter IC
HM9266B HMSEMI-HM9266B Datasheet
684Kb / 7P
   Ultra-small low voltage start PWM control boost DC/DC voltage regulator
More results

Similar Description - HM9264B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
   256 k High Speed SRAM (32-kword 8-bit)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com