Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR6200CTL-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR6200CTL-13
Description  Low Forward Voltage Drop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR6200CTL-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR6200CTL-13 Datasheet HTML 1Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 2Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 3Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 4Page - Diodes Incorporated SBR6200CTL-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR6200CTL
Document number: DS31342 Rev. 3 - 2
3 of 5
www.diodes.com
February 2011
© Diodes Incorporated
SBR6200CTL
SBR is a registered trademark of Diodes Incorporated
Fig. 3 Typical Reverse Characteristics
0
40
80
120
160
200
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.1
1
10
100
T = 25°C
A
T = 85°C
A
T = 125°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
10
100
1,000
10,000
f = 1MHz
25
50
75
100
125
150
175
Fig. 5 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
0
1
2
3
4
5
6
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
R
= 74°C/W
Per Element
JA
θ
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
150
175
0
20
40
60
80 100 120 140 160 180 200
V , DC REVERSE VOLTAGE (V)
R


Similar Part No. - SBR6200CTL-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR624SD ETC2-SBR624SD Datasheet
629Kb / 2P
   miniature fully screened, open frame
SBR624SU ETC2-SBR624SU Datasheet
629Kb / 2P
   miniature fully screened, open frame
More results

Similar Description - SBR6200CTL-13

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com