Electronic Components Datasheet Search |
|
EEUFC1A681 Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
EEUFC1A681 Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 10 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FC – EEE-69 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (100 kHz) (+105 °C) Imped- ance (100 kHz) (+20 °C) Endur- ance Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B Taping ✽H (V) (µF) (mm) (mm) (mA r.m.s.) ( )(hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 35 6.8 4 7 65 2.000 1000 0.45 1.5 5.0 2.5 EEAFC1V6R8( ) 200 2000 12 5 7 120 0.950 1000 0.45 2.0 5.0 2.5 EEAFC1V120( ) 200 2000 18 4 11 120 1.300 1000 0.45 1.55.0 2.5 EEUFC1V180( ) 200 2000 22 5 11 175 0.800 1000 0.50 2.05.0 2.5 EEUFC1V220( ) 200 2000 27 5 11 175 0.800 1000 0.50 2.05.0 2.5 EEUFC1V270( ) 200 2000 6.3 7 200 0.450 1000 0.45 2.5 5.0 2.5 EEAFC1V270( ) 200 2000 33 5 11 175 0.080 1000 0.50 2.05.0 2.5 EEUFC1V330( ) 200 2000 39 5 15 235 0.500 1000 0.50 2.05.0 2.5 EEUFC1V390( ) 200 2000 47 6.3 11.2 290 0.350 1000 0.50 2.5 5.0 2.5 EEUFC1V470( ) 200 2000 56 6.3 11.2 290 0.350 1000 0.50 2.5 5.0 2.5 EEUFC1V560( ) 200 2000 68 6.3 11.2 290 0.350 1000 0.50 2.5 5.0 2.5 EEUFC1V680( ) 200 2000 82 6.3 15 400 0.250 1000 0.50 2.5 5.0 2.5 EEUFC1V820( ) 200 2000 100 8 11.5 555 0.117 2000 0.60 3.5 5.0 EEUFC1V101( ) 200 1000 120 8 11.5 555 0.117 2000 0.60 3.5 5.0 EEUFC1V121( ) 200 1000 150 8 11.5 555 0.117 2000 0.60 3.5 5.0 EEUFC1V151( ) 200 1000 180 10 12.5 755 0.090 3000 0.60 5.0 5.0 EEUFC1V181( ) 200 500 220 8 15 730 0.085 2000 0.60 3.5 5.0 EEUFC1V221L( ) 200 1000 10 12.5 755 0.090 3000 0.60 5.0 5.0 EEUFC1V221( ) 200 500 270 10 16 1050 0.068 3000 0.60 5.0 5.0 EEUFC1V271( ) 200 500 330 8 20 995 0.065 2000 0.60 3.5 5.0 EEUFC1V331L( ) 200 1000 10 16 1050 0.068 3000 0.60 5.0 5.0 EEUFC1V331( ) 200 500 390 10 20 1220 0.052 3000 0.60 5.0 5.0 EEUFC1V391( ) 200 500 12.5 15 1205 0.065 5000 0.60 5.0 5.0 EEUFC1V391S( ) 200 500 470 10 20 1220 0.052 3000 0.60 5.0 5.0 EEUFC1V471( ) 200 500 560 10 25 1440 0.045 3000 0.60 5.0 5.0 EEUFC1V561( ) 200 500 12.5 20 1655 0.038 5000 0.60 5.0 5.0 EEUFC1V561S( ) 200 500 680 10 30 1815 0.035 3000 0.60 5.0 EEUFC1V681L 100 12.5 20 1655 0.038 5000 0.60 5.0 5.0 EEUFC1V681( ) 200 500 16 15 1690 0.043 5000 0.80 7.5 7.5 EEUFC1V681S( ) 100 250 820 12.5 25 1945 0.030 5000 0.60 5.0 5.0 EEUFC1V821L( ) 200 500 18 15 2000 0.038 5000 0.80 7.5 7.5 EEUFC1V821( ) 100 250 1000 12.5 25 1945 0.030 5000 0.60 5.0 5.0 EEUFC1V102( ) 200 500 16 20 2205 0.029 5000 0.80 7.5 7.5 EEUFC1V102S( ) 100 250 1200 12.5 30 2310 0.025 5000 0.80 5.0 EEUFC1V122L 100 16 20 2205 0.029 5000 0.80 7.5 7.5 EEUFC1V122( ) 100 250 1500 12.5 35 2510 0.022 5000 0.80 5.0 EEUFC1V152L 100 16 25 2555 0.022 5000 0.80 7.5 7.5 EEUFC1V152( ) 100 250 18 20 2490 0.028 5000 0.80 7.5 7.5 EEUFC1V152S( ) 100 250 1800 12.5 40 2655 0.018 5000 0.80 5.0 EEUFC1V182L 100 16 25 2555 0.022 5000 0.80 7.5 7.5 EEUFC1V182( ) 100 250 18 20 2490 0.028 5000 0.80 7.5 7.5 EEUFC1V182S( ) 100 250 2200 16 31.5 3010 0.018 5000 0.80 7.5 EEUFC1V222 100 18 25 2740 0.020 5000 0.80 7.5 7.5 EEUFC1V222S( ) 100 250 2700 16 35.5 3150 0.016 5000 0.80 7.5 EEUFC1V272L 100 18 31.5 3635 0.016 5000 0.80 7.5 EEUFC1V272 50 3300 18 35.5 3680 0.015 5000 0.80 7.5 EEUFC1V332 50 3900 18 40 3735 0.014 5000 0.80 7.5 EEUFC1V392 50 · When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm. · Please refer to the page of “Taping Dimensions”. Endurance : 105 °C φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h 00 Nov. 2012 |
Similar Part No. - EEUFC1A681 |
|
Similar Description - EEUFC1A681 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |