Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1A122 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EEUFC1A122
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1A122 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EEUFC1A122 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1A122 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-69 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
35
6.8
4
7
65
2.000
1000
0.45
1.5
5.0
2.5
EEAFC1V6R8( )
200
2000
12
5
7
120
0.950
1000
0.45
2.0
5.0
2.5
EEAFC1V120( )
200
2000
18
4
11
120
1.300
1000
0.45
1.55.0
2.5
EEUFC1V180( )
200
2000
22
5
11
175
0.800
1000
0.50
2.05.0
2.5
EEUFC1V220( )
200
2000
27
5
11
175
0.800
1000
0.50
2.05.0
2.5
EEUFC1V270( )
200
2000
6.3
7
200
0.450
1000
0.45
2.5
5.0
2.5
EEAFC1V270( )
200
2000
33
5
11
175
0.080
1000
0.50
2.05.0
2.5
EEUFC1V330( )
200
2000
39
5
15
235
0.500
1000
0.50
2.05.0
2.5
EEUFC1V390( )
200
2000
47
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1V470( )
200
2000
56
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1V560( )
200
2000
68
6.3
11.2
290
0.350
1000
0.50
2.5
5.0
2.5
EEUFC1V680( )
200
2000
82
6.3
15
400
0.250
1000
0.50
2.5
5.0
2.5
EEUFC1V820( )
200
2000
100
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1V101( )
200
1000
120
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1V121( )
200
1000
150
8
11.5
555
0.117
2000
0.60
3.5
5.0
EEUFC1V151( )
200
1000
180
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1V181( )
200
500
220
8
15
730
0.085
2000
0.60
3.5
5.0
EEUFC1V221L( )
200
1000
10
12.5
755
0.090
3000
0.60
5.0
5.0
EEUFC1V221( )
200
500
270
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1V271( )
200
500
330
8
20
995
0.065
2000
0.60
3.5
5.0
EEUFC1V331L( )
200
1000
10
16
1050
0.068
3000
0.60
5.0
5.0
EEUFC1V331( )
200
500
390
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC1V391( )
200
500
12.5
15
1205
0.065
5000
0.60
5.0
5.0
EEUFC1V391S( )
200
500
470
10
20
1220
0.052
3000
0.60
5.0
5.0
EEUFC1V471( )
200
500
560
10
25
1440
0.045
3000
0.60
5.0
5.0
EEUFC1V561( )
200
500
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC1V561S( )
200
500
680
10
30
1815
0.035
3000
0.60
5.0
EEUFC1V681L
100
12.5
20
1655
0.038
5000
0.60
5.0
5.0
EEUFC1V681( )
200
500
16
15
1690
0.043
5000
0.80
7.5
7.5
EEUFC1V681S( )
100
250
820
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC1V821L( )
200
500
18
15
2000
0.038
5000
0.80
7.5
7.5
EEUFC1V821( )
100
250
1000
12.5
25
1945
0.030
5000
0.60
5.0
5.0
EEUFC1V102( )
200
500
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1V102S( )
100
250
1200
12.5
30
2310
0.025
5000
0.80
5.0
EEUFC1V122L
100
16
20
2205
0.029
5000
0.80
7.5
7.5
EEUFC1V122( )
100
250
1500
12.5
35
2510
0.022
5000
0.80
5.0
EEUFC1V152L
100
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC1V152( )
100
250
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC1V152S( )
100
250
1800
12.5
40
2655
0.018
5000
0.80
5.0
EEUFC1V182L
100
16
25
2555
0.022
5000
0.80
7.5
7.5
EEUFC1V182( )
100
250
18
20
2490
0.028
5000
0.80
7.5
7.5
EEUFC1V182S( )
100
250
2200
16
31.5
3010
0.018
5000
0.80
7.5
EEUFC1V222
100
18
25
2740
0.020
5000
0.80
7.5
7.5
EEUFC1V222S( )
100
250
2700
16
35.5
3150
0.016
5000
0.80
7.5
EEUFC1V272L
100
18
31.5
3635
0.016
5000
0.80
7.5
EEUFC1V272
50
3300
18
35.5
3680
0.015
5000
0.80
7.5
EEUFC1V332
50
3900
18
40
3735
0.014
5000
0.80
7.5
EEUFC1V392
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012


Similar Part No. - EEUFC1A122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1A122 PANASONIC-EEUFC1A122 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1A122 PANASONIC-EEUFC1A122 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A122 PANASONIC-EEUFC1A122 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
logo
Pacific Silicon Sensor,...
EEUFC1A122 PACIFIC-EEUFC1A122 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
logo
Panasonic Semiconductor
EEUFC1A122 PANASONIC-EEUFC1A122 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEUFC1A122

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com