Electronic Components Datasheet Search |
|
E2E-X5MF1-M1 Datasheet(PDF) 11 Page - Omron Electronics LLC |
|
E2E-X5MF1-M1 Datasheet(HTML) 11 Page - Omron Electronics LLC |
11 / 48 page E2E/E2E2 Cylindrical Proximity Sensor 11 E2E-X @Y@ AC 2-wire Models Note 1. When supplying 24 VAC to any of the above models, make sure that the operating ambient temperature range is over –25 °C. 2. When using an M18-or M30-sized E2E within an ambient temperature of 70 °C to 85°C, make sure that the E2E has a control output of 5 to 200 mA max. 3. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard. Size M8 M12 M18 M30 Type Shielded Unshielded Shielded Unshielded Shielded Unshielded Shielded Unshielded Item E2E-X1R5Y @ E2E-X2MY @ E2E-X2Y @ E2E-X5MY @ E2E-X5Y @ E2E-X10MY @ E2E-X10Y @ E2E-X18MY @ Sensing distance 1.5 mm ±10% 2 mm ±10% 2 mm ±10% 5 mm ±10% 5 mm ±10% 10 mm ±10% 10 mm ±10% 18 mm ±10% Set distance 0 to 1.2 mm 0 to 1.6 mm 0 to 1.6 mm 0 to 4.0 mm 0 to 4.0 mm 0 to 8.0 mm 0 to 8.0 mm 0 to 14.0 mm Differential travel 10% max. of sensing distance Sensing object Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.) Standard sensing object Iron, 8 x 8 x 1mm Iron,12 x 12 x 1mm Iron, 12 x 12 x 1mm Iron, 15 x 15 x 1mm Iron, 18 x 18 x 1mm Iron, 30 x 30 x 1mm Iron, 30 x 30 x 1mm Iron, 54 x 54 x 1mm Response speed 25 Hz Power supply voltage (operating voltage range) (See note 1.) 24 to 240 VAC, 50/60 Hz (20 to 264 VAC) Leakage current 1.7 mA max. Control output Load current (See note 2.) 5 to 100 mA 5 to 200 mA 5 to 300 mA Residual voltage Refer to Engineering Data. Indicator Operation indicator (red LED) Operation mode (with sensing object approaching) Y1 Models: NO Y2 Models: NC For details, refer to Timing Charts. Protection circuit Surge suppressor Ambient temperature (See notes 1 and 2.) Operating/Storage: –25 °C to 70 °C (with no icing or condensation) Operating/Storage: –40 °C to 85°C (with no icing or condensation) Ambient humidity Operating/Storage: 35% to 95% (with no condensation) Temperature influence ±10% max. of sensing distance at 23 °C in the temperature range of –25 °C to 70 °C ±15% max. of sensing distance at 23°C in the temperature range of –40°C to 85°C ±10% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C Voltage influence ±1% max. of sensing distance in the rated voltage range ±15% Insulation resistance 50 M Ω min. (at 500 VDC) between current-carrying parts and case Dielectric strength 4,000 VAC at 50/60 Hz for 1 min between current-carrying parts and case (2,000 VAC for M8 Models) Vibration resistance 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions Shock resistance 500 m/s2 10 times each in X, Y, and Z directions 1,000 m/s2 10 times each in X, Y, and Z directions Degree of protection IEC 60529 IP67 (Pre-wired models: in-house standard for oil resistance (former JEM standard equivalent to IP67g)) (See note 3.) Connection method Pre-wired models (standard length 2 m), connector models Weight (packed state) Pre-wired models Approx. 60 g Approx. 70 g Approx. 130 g Approx. 175 g Connector models Approx. 15 g Approx. 25 g Approx. 40 g Approx. 90 g Material Case Stainless steel (SUS303) Brass-nickel plated Sensing surface PBT (polybutylene terephthalate) Clamping nuts Brass-nickel plated Toothed washer Iron-zinc plated Accessories Instruction manual |
Similar Part No. - E2E-X5MF1-M1 |
|
Similar Description - E2E-X5MF1-M1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |