Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XI3030-KK3C-H3535R8S4S2Z1 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # XI3030-KK3C-H3535R8S4S2Z1
Description  SMD HP XI3030(2S) Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3030-KK3C-H3535R8S4S2Z1 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 11Page - Everlight Electronics Co., Ltd XI3030-KK3C-H3535R8S4S2Z1 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LifecyclePhase:
Revision
: 6
Expired Period: Forever
Release Date:2013-10-16 17:18:46.0
DATASHEET
SMD HP XI3030(2S)
Series
8 Copyright © 2012, Everlight All Rights Reserved. Release Date: Oct.11.2013 Issue No: DSE-0009158 Rev:6
www.everlight.com
Reference Optic-Electrical Characteristic: Cool White LEDs
Order Code of XI2323
Typ.
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage (V)
Current
(mA)
CRI
(Min.)
52
65
79
100
96
125
113
150
134
175
XI3030/KK3C-H5050S1S5S2Z15/2T
144
4745-5310K
5.8~7.0
200
80
51
65
77
100
94
125
110
150
131
175
XI3030/KK3C-H5757S1S5S2Z15/2T
140
5310-6020K
5.8~7.0
200
80
49
65
74
100
90
125
106
150
126
175
XI3030/KK3C-H6565R8S4S2Z15/2T
135
6020-7050K
5.8~7.0
200
80
Notes: All value are measured at IF=65 mA/100 mA/125mA/150 mA/175 mA/200 mA and reference only.


Similar Part No. - XI3030-KK3C-H3535R8S4S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H3030R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3030R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
More results

Similar Description - XI3030-KK3C-H3535R8S4S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H3030R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3030R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
XI3030-KK3C-H2727R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H2727R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
XI3030-KK3C-H4040R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H4040R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H5757S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5757S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H5050S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5050S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H6565R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H6565R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
logo
Ferroxcube Internationa...
CP-P18-2S FERROXCUBE-CP-P18-2S Datasheet
39Kb / 1P
   CP-P18-2S
logo
KEC(Korea Electronics)
GBL2J KEC-GBL2J Datasheet
20Kb / 1P
   GBL(2S) PACKAGE
logo
Adels-Contact
151482 ADELS-151482 Datasheet
118Kb / 1P
   160 BU/ 2s
30/12/2019
logo
Ferroxcube Internationa...
CP-P22-2S FERROXCUBE-CP-P22-2S Datasheet
39Kb / 1P
   CP-P22/13-2S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com