Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1024A300 Datasheet(PDF) 3 Page - Littelfuse

Part # SL1024A300
Description  SL1021A/B, SL1024A/B and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A300 Datasheet(HTML) 3 Page - Littelfuse

  SL1024A300 Datasheet HTML 1Page - Littelfuse SL1024A300 Datasheet HTML 2Page - Littelfuse SL1024A300 Datasheet HTML 3Page - Littelfuse SL1024A300 Datasheet HTML 4Page - Littelfuse SL1024A300 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
20
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Time vs. Current for Failsafe
0.5
1
2
3
4
5
6
7
8
9
11
12
13
14
15
10
20
30
60
12
5
10
15
30
SL102xA with Failsafe
SL102xB or PMT8 500 Volt Higher Melting Point Solder
SL102xB or PMT8 90 Volt Higher Melting Point Solder
SL102xB or PMT8 350 Volt Higher Melting Point Solder
Voltage vs.Time Characteristic
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
280
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: Surge Arrestors with a Failsafe mechanism should be
individually examined after soldering


Similar Part No. - SL1024A300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A300 LITTELFUSE-SL1024A300 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A300 LITTELFUSE-SL1024A300 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A300 LITTELFUSE-SL1024A300 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A300 LITTELFUSE-SL1024A300 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A300 LITTELFUSE-SL1024A300 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
More results

Similar Description - SL1024A300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090RF LITTELFUSE-SL1024B090RF Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A350A LITTELFUSE-SL1011A350A Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
   CONNECTORS B SERIES
logo
Keysight Technologies
DSO1000A KEYSIGHT-DSO1000A Datasheet
1Mb / 15P
   DSO1000A/B Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com