Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYP25A4 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BYP25A4
Description  Silicon-Press-Fit-Diodes ??High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP25A4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BYP25A4 Datasheet HTML 1Page - Diotec Semiconductor BYP25A4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYP25A05 ... BYP25A6, BYP25K05 ... BYP25K6
Characteristics
Kennwerte
Forward Voltage
Durchlass-Spannung
Tj = 25°C
IF = 25 A
VF
< 1.1 V
Leakage Current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 100 µA
Thermal Resistance Junction – Case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1 K/W
Maximum pressing force
Maximaler Einpressdruck
Fpmax
4 kN
© Diotec Semiconductor AG
http://www.diotec.com/
2
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
200
10
10
10
1
10
3
2
-1
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
270a-(25a-1,1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlass-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - BYP25A4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP25A4 DIOTEC-BYP25A4 Datasheet
191Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
logo
Semikron International
BYP25A4 SEMIKRON-BYP25A4 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP25A4 DIOTEC-BYP25A4 Datasheet
71Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP25A4 SEMIKRON-BYP25A4 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP25A4 DIOTEC-BYP25A4 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
More results

Similar Description - BYP25A4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYW35A05 DIOTEC-KYW35A05_07 Datasheet
68Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
71Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP35A05 DIOTEC-BYP35A05_07 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP60A05 DIOTEC-BYP60A05_07 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
191Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP60A05 DIOTEC-BYP60A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP35A05 DIOTEC-BYP35A05_14 Datasheet
109Kb / 2P
   Silicon-Press-Fit-Diodes ??High Temperature Diodes
KYZ35A05 DIOTEC-KYZ35A05_07 Datasheet
69Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
KYW25A05 DIOTEC-KYW25A05_07 Datasheet
68Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com