Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XI3535-KT507J1-03201-000P Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # XI3535-KT507J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KT507J1-03201-000P Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button XI3535-KT507J1-03201-000P Datasheet HTML 3Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 4Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 9Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 10Page - Everlight Electronics Co., Ltd XI3535-KT507J1-03201-000P Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP - XI3535
1W Series
7 Copyright © 2012, Everlight All Rights Reserved. Release Date: Jun.19.2013 Issue No: DHE-0002027
www.everlight.com
PN of the XI3535 series: Cool White LEDs
Order Code of XI 3535
Min.
Luminous
Flux
(lm)
Typ.
Luminous
Flux
(lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(Min.)
XI3535-KT507J1-03201-000P
100
110
50K-1,50K-2
50K-3,50K-4
2.95-3.85
350
80
XI3535-KT577J1-03201-000P
100
111
57K-1,57K-2
57K-3,57K-4
2.95-3.85
350
80
XI3535-KT607J1-03201-000P
100
109
57K-2,57K-3
65K-1,65K-4
2.95-3.85
350
80
XI3535-KT657J1-03201-000P
100
108
65K-1,65K-2
65K-3,65K-4
2.95-3.85
350
80
XI3535-PT577F9-03201-000P
90
97
57K-1,57K-2
57K-3,57K-4
2.95-3.85
350
90
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet
4.
The CRI value is based on the Everlight testing instrument.
5.
CRI measurement tolerance: ±2.


Similar Part No. - XI3535-KT507J1-03201-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT507J1-06101-000P EVERLIGHT-XI3535-KT507J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
More results

Similar Description - XI3535-KT507J1-03201-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT657J1-03201-000P EVERLIGHT-XI3535-KT657J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-06101-000P EVERLIGHT-XI3535-KM277F9-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-03201-000P EVERLIGHT-XI3535-KM277F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-06101-000P EVERLIGHT-XI3535-KT507J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT657J1-06101-000P EVERLIGHT-XI3535-KT657J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-PT577F9-03201-000P EVERLIGHT-XI3535-PT577F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM307F9-03201-000P EVERLIGHT-XI3535-KM307F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM357F9-03201-000P EVERLIGHT-XI3535-KM357F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM407F9-03201-000P EVERLIGHT-XI3535-KM407F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com