Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XI3535-KT577J1-06101-000P Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # XI3535-KT577J1-06101-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KT577J1-06101-000P Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button XI3535-KT577J1-06101-000P Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 9Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 10Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 11Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 12Page - Everlight Electronics Co., Ltd XI3535-KT577J1-06101-000P Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LifecyclePhase:
Revision
: 5
Expired Period: Forever
Release Date:2013-12-26 09:49:25.0
DATASHEET
XI3535(2S)
1W Series
9 Copyright © 2012, Everlight All Rights Reserved. Release Date: Dec.24.2013 Issue No: DHE-0002142
www.everlight.com
Product Binning
Luminous Flux Bins
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
Group
Bin
Minimum
Photometric
Flux (lm)
Maximum
Photometric
Flux (lm)
1
4
5
1
100
105
2
5
6
1
2
105
110
3
6
8
2
110
120
4
8
10
3
120
130
5
10
13
4
130
140
6
13
17
5
140
150
7
17
20
6
150
160
8
20
23
7
160
180
E
9
23
27
8
180
200
1
27
33
J
9
200
225
2
33
39
1
225
250
3
39
45
2
250
275
4
45
52
3
275
300
5
52
60
4
300
325
6
60
70
5
325
350
7
70
80
6
350
375
8
80
90
7
375
400
1
90
95
8
400
425
F
9
2
95
100
K
9
425
450


Similar Part No. - XI3535-KT577J1-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results

Similar Description - XI3535-KT577J1-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT657J1-03201-000P EVERLIGHT-XI3535-KT657J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-03201-000P EVERLIGHT-XI3535-KT507J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-06101-000P EVERLIGHT-XI3535-KM277F9-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-03201-000P EVERLIGHT-XI3535-KM277F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-06101-000P EVERLIGHT-XI3535-KT507J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT657J1-06101-000P EVERLIGHT-XI3535-KT657J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-PT577F9-03201-000P EVERLIGHT-XI3535-PT577F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM307F9-03201-000P EVERLIGHT-XI3535-KM307F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM357F9-03201-000P EVERLIGHT-XI3535-KM357F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM407F9-03201-000P EVERLIGHT-XI3535-KM407F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com