Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58S256A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HN58S256A
Description  256 k EEPROM (32-kword x 8-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58S256A Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HN58S256A Datasheet HTML 1Page - Hitachi Semiconductor HN58S256A Datasheet HTML 2Page - Hitachi Semiconductor HN58S256A Datasheet HTML 3Page - Hitachi Semiconductor HN58S256A Datasheet HTML 4Page - Hitachi Semiconductor HN58S256A Datasheet HTML 5Page - Hitachi Semiconductor HN58S256A Datasheet HTML 6Page - Hitachi Semiconductor HN58S256A Datasheet HTML 7Page - Hitachi Semiconductor HN58S256A Datasheet HTML 8Page - Hitachi Semiconductor HN58S256A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HN58S256A Series
Capacitance (Ta = 25
°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
6
pF
Vin = 0 V
Output capacitance*
1
Cout
12
pF
Vout = 0 V
Note:
1. This parameter is periodically sampled and not 100% tested.
AC Characteristics (Ta = 0 to +70
°C, V
CC = 2.2 to 3.6 V)
Test Conditions
Input pulse levels: 0.4 V to 1.9 V (V
CC ≤ 2.7V), 0.4V to 2.4 V (VCC > 2.7 V)
Input rise and fall time:
≤ 5 ns
Input timing reference levels: 0.8, 1.8 V
Output load: 1TTL Gate +100 pF
Output reference levels: 1.1 V, 1.1 V (V
CC ≤ 2.7V),1.5 V, 1.5 V (VCC > 2.7 V)
Read Cycle
HN58S256A
-15
-20
Parameter
Symbol
Min
Max
Min
Max
Unit
Test conditions
Address to output delay
t
ACC
150
200
ns
CE = OE = V
IL, WE = VIH
CE to output delay
t
CE
150
200
ns
OE = V
IL, WE = VIH
OE to output delay
t
OE
10
80
10
100
ns
CE = V
IL, WE = VIH
Address to output hold
t
OH
0—
0
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*
1
t
DF
0
100
0
100
ns
CE = V
IL, WE = VIH


Similar Part No. - HN58S256A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HN58S65AT-15 HITACHI-HN58S65AT-15 Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
More results

Similar Description - HN58S256A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
   256 k High Speed SRAM (32-kword 8-bit)
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
Fujitsu Component Limit...
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Renesas Technology Corp
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58C256AI RENESAS-HN58C256AI Datasheet
1Mb / 18P
   256k EEPROM (32-kword 횞 8-bit)
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com