Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUAN1313-KM307N1-36204 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # XUAN1313-KM307N1-36204
Description  XUAN 1313 36V/4W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1313-KM307N1-36204 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button XUAN1313-KM307N1-36204 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XUAN1313-KM307N1-36204 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DATASHEET
XUAN1313
36V/4W Series
7
Copyright © 2013, Everlight All Rights Reserved. Release Date:November.27.2013. Issue No: DHE-0002280 Rev:4
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-1
0.4582
0.4099
27K-2
0.4465
0.4071
0.4687
0.4289
0.4562
0.4260
0.4813
0.4319
0.4687
0.4289
0.4700
0.4126
0.4582
0.4099
Reference Range: 2580~2718K
Reference Range: 2718~2869K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-4
0.4483
0.3919
27K-3
0.4373
0.3893
0.4582
0.4099
0.4465
0.4071
0.4700
0.4126
0.4582
0.4099
0.4593
0.3944
0.4483
0.3919
Reference Range: 2580~2718K
Reference Range: 2718~2869K
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-1
0.4342
0.4028
30K-2
0.4221
0.3984
0.4430
0.4212
0.4299
0.4165
0.4562
0.4260
0.4430
0.4212
0.4465
0.4071
0.4342
0.4028
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-4
0.4147
0.3814
30K-3
0.4259
0.3853
0.4221
0.3984
0.4342
0.4028
0.4342
0.4028
0.4465
0.4071
0.4259
0.3853
0.4373
0.3893
Reference Range: 2870~3000K
Reference Range: 3000~3220K


Similar Part No. - XUAN1313-KM307N1-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
More results

Similar Description - XUAN1313-KM307N1-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM277K9-36204 EVERLIGHT-XUAN1313-KM277K9-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM357N2-36204 EVERLIGHT-XUAN1313-KM357N2-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM277P1-36408 EVERLIGHT-XUAN1313-KM277P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM307P1-36408 EVERLIGHT-XUAN1313-KM307P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM277N7-36306 EVERLIGHT-XUAN1313-KM277N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM357P1-36408 EVERLIGHT-XUAN1313-KM357P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KT507N3-36204 EVERLIGHT-XUAN1313-KT507N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KT577N3-36204 EVERLIGHT-XUAN1313-KT577N3-36204 Datasheet
1Mb / 24P
   36V/4W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com