Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUAN1313-KM357N2-36204 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # XUAN1313-KM357N2-36204
Description  XUAN 1313 36V/4W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1313-KM357N2-36204 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button XUAN1313-KM357N2-36204 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 11Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 12Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 13Page - Everlight Electronics Co., Ltd XUAN1313-KM357N2-36204 Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DATASHEET
XUAN1313
36V/4W Series
10
Copyright © 2013, Everlight All Rights Reserved. Release Date:November.27.2013. Issue No: DHE-0002280 Rev:4
www.everlight.com
Cool-White Bin Structure
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-1
0.3463
0.3687
50K-2
0.3376
0.3616
0.3551
0.3760
0.3463
0.3687
0.3533
0.3620
0.3451
0.3554
0.3451
0.3554
0.3371
0.3490
Reference Range: 4743~5011K
Reference Range: 5013~5308K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-4
0.3451
0.3554
50K-3
0.3371
0.3490
0.3533
0.3620
0.3451
0.3554
0.3515
0.3487
0.3440
0.3427
0.3440
0.3427
0.3366
0.3369
Reference Range: 4743~5011K
Reference Range: 5013~5308K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-1
0.3290
0.3538
57K-2
0.3207
0.3462
0.3376
0.3616
0.3290
0.3538
0.3371
0.3490
0.3290
0.3417
0.3290
0.3417
0.3215
0.3350
Reference Range: 5308~5643K
Reference Range: 5643~6017K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-4
0.3290
0.3417
57K-3
0.3215
0.3350
0.3371
0.3490
0.3290
0.3417
0.3366
0.3369
0.3290
0.3300
0.3290
0.3300
0.3222
0.3243
Reference Range: 5308~5643K
Reference Range: 5643~6017K


Similar Part No. - XUAN1313-KM357N2-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
More results

Similar Description - XUAN1313-KM357N2-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM277K9-36204 EVERLIGHT-XUAN1313-KM277K9-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM307N1-36204 EVERLIGHT-XUAN1313-KM307N1-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM307N7-36306 EVERLIGHT-XUAN1313-KM307N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM277P1-36408 EVERLIGHT-XUAN1313-KM277P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM307P1-36408 EVERLIGHT-XUAN1313-KM307P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM277N7-36306 EVERLIGHT-XUAN1313-KM277N7-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KM357P1-36408 EVERLIGHT-XUAN1313-KM357P1-36408 Datasheet
1Mb / 24P
   XUAN 1313 36V/8W series
XUAN1313-KM357N8-36306 EVERLIGHT-XUAN1313-KM357N8-36306 Datasheet
825Kb / 24P
   XUAN 1313 36V/6W series
XUAN1313-KT507N3-36204 EVERLIGHT-XUAN1313-KT507N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KT577N3-36204 EVERLIGHT-XUAN1313-KT577N3-36204 Datasheet
1Mb / 24P
   36V/4W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com