Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V65A Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HN58V65A
Description  64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V65A Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HN58V65A Datasheet HTML 4Page - Hitachi Semiconductor HN58V65A Datasheet HTML 5Page - Hitachi Semiconductor HN58V65A Datasheet HTML 6Page - Hitachi Semiconductor HN58V65A Datasheet HTML 7Page - Hitachi Semiconductor HN58V65A Datasheet HTML 8Page - Hitachi Semiconductor HN58V65A Datasheet HTML 9Page - Hitachi Semiconductor HN58V65A Datasheet HTML 10Page - Hitachi Semiconductor HN58V65A Datasheet HTML 11Page - Hitachi Semiconductor HN58V65A Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
HN58V65A Series, HN58V66A Series
Write Cycle 1 (V
CC = 2.7 to 4.5 V)
Parameter
Symbol
Min*
3
Typ
Max
Unit
Test conditions
Address setup time
t
AS
0
——ns
Address hold time
t
AH
50
——ns
CE to write setup time (WE controlled)
t
CS
0
——ns
CE hold time (WE controlled)
t
CH
0
——ns
WE to write setup time (CE controlled)
t
WS
0
——ns
WE hold time (CE controlled)
t
WH
0
——ns
OE to write setup time
t
OES
0
——ns
OE hold time
t
OEH
0
——ns
Data setup time
t
DS
50
——ns
Data hold time
t
DH
0
——ns
WE pulse width (WE controlled)
t
WP
200
ns
CE pulse width (CE controlled)
t
CW
200
ns
Data latch time
t
DL
100
ns
Byte load cycle
t
BLC
0.3
30
µs
Byte load window
t
BL
100
µs
Write cycle time
t
WC
10*
4
ms
Time to device busy
t
DB
120
ns
Write start time
t
DW
0*
5
——ns
Reset protect time*
2
t
RP
100
µs
Reset high time*
2, 6
t
RES
1—
µs
Notes: 1. t
DF and t DFR are defined as the time at which the outputs achieve the open circuit conditions
and
are no longer driven.
2. This function is supported by only the HN58V66A series.
3. Use this device in longer cycle than this value.
4. t
WC must be longer than this value unless polling techniques or RDY/Busy are used. This
device automatically completes the internal write operation within this value.
5. Next read or write operation can be initiated after t
DW if polling techniques or RDY/Busy are
used.
6. This parameter is sampled and not 100% tested.
7. A6 through A12 are page addresses and these addresses are latched at the first falling edge
of
WE.
8. A6 through A12 are page addresses and these addresses are latched at the first falling edge
of
CE.
9. See AC read characteristics.


Similar Part No. - HN58V65A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A-SR RENESAS-HN58V65A-SR Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
HN58V65AFP-10 RENESAS-HN58V65AFP-10 Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AFP-10E RENESAS-HN58V65AFP-10E Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AFPI-10 RENESAS-HN58V65AFPI-10 Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
More results

Similar Description - HN58V65A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
logo
Hitachi Semiconductor
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com