Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V1001T-25 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HN58V1001T-25
Description  1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V1001T-25 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HN58V1001T-25 Datasheet HTML 1Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 2Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 3Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 4Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 5Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 6Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 7Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 8Page - Hitachi Semiconductor HN58V1001T-25 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
HN58V1001 Series
1M EEPROM (128-kword
× 8-bit)
Ready/
Busy and RES function
ADE-203-314G (Z)
Rev. 7.0
Oct. 31, 1997
Description
The Hitachi HN58V1001 is a electrically erasable and programmable ROM organized as 131072-word
× 8-
bit. It has realized high speed, low power consumption and high reliability by employing advanced MNOS
memory technology and CMOS process and circuitry technology. It also has a 128-byte page programming
function to make the write operations faster.
Features
• Single 3 V supply: 2.7 V to 5.5 V
• Access time: 250 ns (max)
• Power dissipation
 Active: 20 mW/MHz, (typ)
 Standby: 110 µW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 15 ms (max)
• Automatic page write (128 bytes): 15 ms (max)
• Data polling and RDY/Busy
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 104 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin


Similar Part No. - HN58V1001T-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V1001T-25 RENESAS-HN58V1001T-25 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V1001T-25E RENESAS-HN58V1001T-25E Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results

Similar Description - HN58V1001T-25

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com