Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V256AT-12 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HN58V256AT-12
Description  256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V256AT-12 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HN58V256AT-12 Datasheet HTML 1Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 2Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 3Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 4Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 5Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 6Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 7Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 8Page - Hitachi Semiconductor HN58V256AT-12 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HN58V256A Series, HN58V257A Series
5
Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
2.7
3.0
5.5
V
V
SS
00
0V
Input voltage
V
IL
–0.3*
1
0.6
V
V
IH
1.9*
2
—V
CC + 0.3*
3
V
V
H*
4
V
CC – 0.5
V
CC + 1.0
V
Operating temperature
Topr
0
70
°C
Notes: 1. V
IL min:
–1.0 V for pulse width
≤ 50 ns.
2. V
IH min for VCC = 3.6 to 5.5 V is 2.4 V.
3. V
IH max:
V
CC + 1.0 V for pulse width ≤ 50 ns.
4. This function is supported by only the HN58V257A series.
DC Characteristics (Ta = 0 to +70°C, V
CC = 2.7 to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
I
LI
——
2*
1
µAV
CC = 5.5 V, Vin = 5.5 V
Output leakage current
I
LO
——
2
µAV
CC = 5.5 V, Vout = 5.5/0.4 V
Standby V
CC current
I
CC1
——
20
µA
CE = V
CC
I
CC2
——
1
mA
CE = V
IH
Operating V
CC current
I
CC3
8
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1
µs at V
CC = 3.6 V
12
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1 ns at V
CC = 5.5 V
12
mA
Iout = 0 mA, Duty = 100%,
Cycle = 120
µs at V
CC = 3.6 V
30
mA
Iout = 0 mA, Duty = 100%,
Cycle = 120 ns at V
CC = 5.5 V
Output low voltage
V
OL
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
V
CC × 0.8
V
I
OH = –400 µA
Note:
1. I
LI on RES = 100 µA max (only the HN58V257A series)


Similar Part No. - HN58V256AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V256AT-12 RENESAS-HN58V256AT-12 Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V256AT-12E RENESAS-HN58V256AT-12E Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results

Similar Description - HN58V256AT-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
logo
Hitachi Semiconductor
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com