Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK212BJ475KD-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK212BJ475KD-T
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK212BJ475KD-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  JMK212BJ475KD-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475KD-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- 11R3A11O
RoHS compliance product
JMK212BJ475KD
6.3V 2012 X5R 4.7uF +/- 10% t=0.95mmMAX
6.3V 0805 X5R 4.7uF +/- 10% t=0.037inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
JMK212BJ475KD
Capacitance Freq.
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
JMK212BJ475KD
DC Bias Char.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
01
2
3
4
5
6
DC Bias Voltage[V]
JMK212BJ475KD
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
JMK212BJ475KD
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Temperature[degreeC]
JMK212BJ475KD
Ripple Current
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Ripple Current[Arms]
10kHz
100kHz
1MHz


Similar Part No. - JMK212BJ475KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK212BJ475K TAIYO-YUDEN-JMK212BJ475K Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products?
More results

Similar Description - JMK212BJ475KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com