Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W8512BLRR-7SL Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM62W8512BLRR-7SL
Description  4 M SRAM (512-kword x 8-bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W8512BLRR-7SL Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM62W8512BLRR-7SL Datasheet HTML 1Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 2Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM62W8512BLRR-7SL Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HM62W8512B Series
5
Function Table
WE
CS
OE
Mode
V
CC current
Dout pin
Ref. cycle
×
H
×
Not selected
I
SB, I SB1
High-Z
H
L
H
Output disable
I
CC
High-Z
H
L
L
Read
I
CC
Dout
Read cycle
L
L
H
Write
I
CC
Din
Write cycle (1)
L
L
L
Write
I
CC
Din
Write cycle (2)
Note:
×: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage
V
CC
–0.5 to +4.6
V
Voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.5*
2
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–20 to +85
°C
Notes: 1. –3.0 V for pulse half-width
≤ 30 ns
2. Maximum voltage is 4.6 V
Recommended DC Operating Conditions (Ta = –20 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
3.0
3.3
3.6
V
V
SS
00
0
V
Input high voltage
V
IH
2.0
V
CC + 0.3
V
Input low voltage
V
IL
–0.3*
1
0.8
V
Note:
1. –3.0 V for pulse half-width
≤ 30 ns


Similar Part No. - HM62W8512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62W8512BLRR-7SL RENESAS-HM62W8512BLRR-7SL Datasheet
99Kb / 18P
   4 M SRAM (512-kword 쨈 8-bit)
More results

Similar Description - HM62W8512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com