Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X24256FPI Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HN58X24256FPI
Description  Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X24256FPI Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HN58X24256FPI Datasheet HTML 6Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 7Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 8Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 9Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 10Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 11Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 12Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 13Page - Hitachi Semiconductor HN58X24256FPI Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HN58X24128I/HN58X24256I
10
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero
to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter
keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation,
EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM
sends a zero to acknowledge after receiving the device address word. After sending read data, the
EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge,
it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment)
and a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM
receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending
read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out


Similar Part No. - HN58X24256FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24256FPIAG RENESAS-HN58X24256FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24256FPIE RENESAS-HN58X24256FPIE Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results

Similar Description - HN58X24256FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG_15 Datasheet
111Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com