Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2432FPI Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HN58X2432FPI
Description  Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2432FPI Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HN58X2432FPI Datasheet HTML 1Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 2Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 3Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 4Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 5Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 6Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 7Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 8Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
5
AC Characteristics (Ta = –40 to +85˚C, V
CC = 1.8 to 5.5 V)
Test Conditions
• Input pules levels:
 V
IL = 0.2 × VCC
 V
IH = 0.8 × VCC
• Input rise and fall time: ≤ 20 ns
• Input and output timing reference levels: 0.5 × V
CC
• Output load: TTL Gate + 100 pF
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
f
SCL
400
kHz
Clock pulse width low
t
LOW
1200
ns
Clock pulse width high
t
HIGH
600
ns
Noise suppression time
t
I
50
ns
1
Access time
t
AA
100
900
ns
Bus free time for next mode
t
BUF
1200
ns
Start hold time
t
HD.STA
600
ns
Start setup time
t
SU.STA
600
ns
Data in hold time
t
HD.DAT
0—
ns
Data in setup time
t
SU.DAT
100
ns
Input rise time
t
R
300
ns
1
Input fall time
t
F
300
ns
1
Stop setup time
t
SU.STO
600
ns
Data out hold time
t
DH
50
ns
Write cycle time
V
CC = 2.7 V to 5.5 V
t
WC
10
ms
2
V
CC = 1.8 V to 2.7 V
t
WC
15
ms
2
Notes: 1. This parameter is sampled and not 100% tested.
2. t
WC is the time from a stop condition to the end of internally controlled write cycle.


Similar Part No. - HN58X2432FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432FPIAGE RENESAS-HN58X2432FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2432FPIE RENESAS-HN58X2432FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2432FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com