Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2432FPI Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HN58X2432FPI
Description  Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2432FPI Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HN58X2432FPI Datasheet HTML 1Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 2Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 3Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 4Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 5Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 6Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 7Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 8Page - Hitachi Semiconductor HN58X2432FPI Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
3
Pin Description
Pin name
Function
A0 to A2
Device address
SCL
Serial clock input
SDA
Serial data input/output
WP
Write protect
V
CC
Power supply
V
SS
Ground
Block Diagram
Control
logic
High voltage generator
Memory array
Y-serect & Sense amp.
Serial-parallel converter
VCC
VSS
WP
A0, A1, A2
SCL
SDA
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to V
SS
V
CC
–0.6 to +7.0
V
Input voltage relative to V
SS
Vin
–0.5*
2 to +7.0*3
V
Operating temperature range*
1
Topr
–40 to +85
˚C
Storage temperature range
Tstg
–65 to +125
˚C
Notes: 1. Including electrical characteristics and data retention.
2. Vin (min): –3.0 V for pulse width
≤ 50 ns.
3. Should not exceed V
CC + 1.0 V.


Similar Part No. - HN58X2432FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432FPIAGE RENESAS-HN58X2432FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2432FPIE RENESAS-HN58X2432FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2432FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com