Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X24512FPI Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HN58X24512FPI
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X24512FPI Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HN58X24512FPI Datasheet HTML 1Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 2Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 3Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 4Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 5Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 6Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 7Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 8Page - Hitachi Semiconductor HN58X24512FPI Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HN58X24512I
4
DC Characteristics (Ta = –40 to +85˚C, V
CC = 1.8 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
I
LI
2.0
µA
V
CC = 5.5 V, Vin = 0 to 5.5 V
(SCL, SDA)
——20µA
V
CC = 5.5 V, Vin = 0 to 5.5 V
(A0, A1, WP)
Output leakage current
I
LO
2.0
µA
V
CC = 5.5 V, Vout = 0 to 5.5 V
Standby V
CC current
I
SB
1.0
3.0
µA
Vin = V
SS or VCC
Read V
CC current
I
CC1
2.0
mA
V
CC = 5.5 V, Read at 400 kHz
Write V
CC current
I
CC2
5.0
mA
V
CC = 5.5 V, Write at 400 kHz
Output low voltage
V
OL2
0.4
V
V
CC = 4.5 to 5.5 V, IOL = 1.6 mA
V
CC = 2.5 to 4.5 V, IOL = 0.8 mA
V
CC = 1.8 to 2.5 V, IOL = 0.4 mA
V
OL1
0.2
V
V
CC = 1.8 to 2.5 V, IOL = 0.2 mA
Capacitance (Ta = 25˚C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Input capacitance (A0 to A1, SCL, WP)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (SDA)
C
I/O*
1
6.0
pF
Vout = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HN58X24512FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512FPIE RENESAS-HN58X24512FPIE Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - HN58X24512FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_13 Datasheet
260Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com