Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V66AT-10 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HN58V66AT-10
Description  64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V66AT-10 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HN58V66AT-10 Datasheet HTML 3Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 4Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 5Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 6Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 7Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 8Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 9Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 10Page - Hitachi Semiconductor HN58V66AT-10 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
HN58V65A Series, HN58V66A Series
AC Characteristics (Ta = 0 to + 70˚C, V
CC = 2.7 to 5.5 V)
Test Conditions
• Input pulse levels : 0.4 V to 2.4 V (V
CC = 2.7 to 3.6 V), 0.4 V to 3.0 V (VCC = 3.6 to 5.5 V)
0 V to V
CC (RES pin*
2)
• Input rise and fall time : ≤ 5 ns
• Input timing reference levels : 0.8, 1.8 V
• Output load : 1TTL Gate +100 pF
• Output reference levels : 1.5 V, 1.5 V
Read Cycle 1 (V
CC = 2.7 to 4.5 V)
HN58V65A/HN58V66A
-10
Parameter
Symbol
Min
Max
Unit
Test conditions
Address to output delay
t
ACC
100
ns
CE = OE = V
IL, WE = VIH
CE to output delay
t
CE
100
ns
OE = V
IL, WE = VIH
OE to output delay
t
OE
10
50
ns
CE = V
IL, WE = VIH
Address to output hold
t
OH
0—
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*
1
t
DF
040
ns
CE = V
IL, WE = VIH
RES low to output float*
1, 2
t
DFR
0
350
ns
CE = OE = V
IL, WE = VIH
RES to output delay*
2
t
RR
0
450
ns
CE = OE= V
IL, WE = VIH


Similar Part No. - HN58V66AT-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V66AT-10 RENESAS-HN58V66AT-10 Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V66AT-10E RENESAS-HN58V66AT-10E Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V66AT-10SR RENESAS-HN58V66AT-10SR Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
HN58V66AT-10SRE RENESAS-HN58V66AT-10SRE Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
More results

Similar Description - HN58V66AT-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
logo
Hitachi Semiconductor
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com