Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X24256TI Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HN58X24256TI
Description  Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X24256TI Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HN58X24256TI Datasheet HTML 3Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 4Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 5Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 6Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 7Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 8Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 9Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 10Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
HN58X24128I/HN58X24256I
7
Pin Function
Serial Clock (SCL)
The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge
clock data into EEPROM device and negative edge clock data out of each device. Maximum clock rate is
400 kHz.
Serial Input/Output Data (SDA)
The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that
pin is open-drain driven structure. Use proper resistor value for your system by considering V
OL, IOL and
the SDA pin capacitance. Except for a start condition and a stop condition which will be discussed later,
the SDA transition needs to be completed during SCL low period.
Data Validity (SDA data change timing waveform)
SCL
SDA
Data
change
Data
change
Note:
High-to-low and low-to-high change of SDA should be done during SCL low periods.


Similar Part No. - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24256TIE RENESAS-HN58X24256TIE Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results

Similar Description - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG_15 Datasheet
111Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com