Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39516-1015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39516-1015
Description  3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39516-1015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39516-1015 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39516-1015
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.81mm Pitch Eurostyle™ Horizontal PCB Header, with Threaded Retention Inserts, 15
Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39516
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350442824
Physical
Circuits (Loaded)
15
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.50mm
PCB Thickness - Recommended
2.50mm
Panel Mount
No
Pitch - Mating Interface
3.81mm
Pitch - Termination Interface
3.81mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39516-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39516Series
Mates With
Most 3.81mm Pitch Industry Standard Plugs,
39517 Vertical Plug with Retention Screws,
39514 Horizontal Plug with Retention
Screws
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39516-1015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39516-1010 MOLEX11-39516-1010 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1011 MOLEX11-39516-1011 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1012 MOLEX11-39516-1012 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1013 MOLEX11-39516-1013 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1014 MOLEX11-39516-1014 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
More results

Similar Description - 39516-1015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39515-1014 MOLEX11-39515-1014 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1003 MOLEX11-39516-1003 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1011 MOLEX11-39516-1011 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1012 MOLEX11-39516-1012 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1019 MOLEX11-39515-1019 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1004 MOLEX11-39515-1004 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1007 MOLEX11-39515-1007 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1015 MOLEX11-39515-1015 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39516-1014 MOLEX11-39516-1014 Datasheet
38Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1005 MOLEX11-39515-1005 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
39515-1013 MOLEX11-39515-1013 Datasheet
41Kb / 1P
   3.81mm Pitch Eurostyle Vertical PCB Header, with Threaded Retention Inserts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com