Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13783VKR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC13783VKR2
Description  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783VKR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13783VKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© Freescale Semiconductor, Inc., 2005–2009. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13783
Rev. 3.5, 7/2009
MC13783
Package Information
Plastic Package
10
× 10 mm package
Ordering Information
Device
Device Marking or
Operating
Temperature Range
Package
MC13783
–30 to +85°C
MAPBGA-247
1
Introduction
The MC13783 is a highly integrated power management
and audio component dedicated to handset and portable
applications covering GSM, GPRS, EDGE, and UMTS
standards. The MC13783 implements high-performance
audio functions suited to high-end applications such as
smartphones and UMTS handsets.
The MC13783 provides the following key benefits:
Full power management and audio functionality
in one module optimizes system size.
High level of integration reduces the power
management and audio system bill of materials.
Versatile solution offers large possibilities of
flexibility through simple programming (64
registers of 24-bit data).
Implemented DVS saves significant battery
resources in every mode (compatibility with a
large number of processors).
Dual channel voice ADC improves intelligibility.
MC13783
Power Management and
Audio Circuit
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Signal Descriptions . . . . . . . . . . . . . . . . . . . . 6
3 Electrical Characteristics . . . . . . . . . . . . . . 16
4 Functional Description . . . . . . . . . . . . . . . . 17
5 Package Information . . . . . . . . . . . . . . . . . . 47
6 Product Documentation . . . . . . . . . . . . . . . . 48


Similar Part No. - MC13783VKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Similar Description - MC13783VKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com