Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4924GM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4924GM
Description  Simple Drive Requirement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4924GM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4924GM_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4924GM_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4924GM_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4924GM_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4924GM_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4924GM_14 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
Dual N-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Simple Drive Requirement
BVDSS
20V
▼ Low On-resistance
RDS(ON)
35mΩ
▼ Fast Switching
ID
6A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TA=25℃
Continuous Drain Current
3
A
ID@TA=70℃
Continuous Drain Current
3
A
IDM
Pulsed Drain Current
1
A
PD@TA=25℃
Total Power Dissipation
W
TSTG
Storage Temperature Range
TJ
Operating Junction Temperature Range
Symbol
Value
Unit
Rthj-amb
Maximum Thermal Resistance, Junction-ambient
3
62.5
/W
Data and specifications subject to change without notice
Parameter
1
200904031
AP4924GM
Thermal Data
20
-55 to 150
Rating
2
RoHS-compliant Product
Parameter
-55 to 150
+12
6
4.8
35
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-
effectiveness.
The SO-8 package is widely preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
G2
D2
S2
G1
D1
S1


Similar Part No. - AP4924GM_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4924GM A-POWER-AP4924GM Datasheet
108Kb / 6P
   Simple Drive Requirement, Low On-resistance
More results

Similar Description - AP4924GM_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com