Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6679GSP-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP6679GSP-HF
Description  Lower On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6679GSP-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP6679GSP-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6679GSP-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6679GSP-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6679GSP-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP6679GS/P-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
100
1000
10000
1
5
9
1317
2125
29
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
1
2
3
4
5
6
7
0
1020
30405060
Q G , Total Gate Charge (nC)
I D = -16A
V DS = -24V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
1
10
100
1000
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
DC
T C =25
o C
Single Pulse


Similar Part No. - AP6679GSP-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6679GSP-HF A-POWER-AP6679GSP-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results

Similar Description - AP6679GSP-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4961GM A-POWER-AP4961GM_14 Datasheet
64Kb / 4P
   Lower On-resistance
AP2306AGN-HF A-POWER-AP2306AGN-HF_14 Datasheet
112Kb / 5P
   Lower on-resistance
AP2306CGN-HF A-POWER-AP2306CGN-HF_14 Datasheet
99Kb / 4P
   Lower on-resistance
AP2312GN A-POWER-AP2312GN_14 Datasheet
72Kb / 4P
   Lower on-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_14 Datasheet
97Kb / 4P
   Lower on-resistance
AP9976GM A-POWER-AP9976GM_14 Datasheet
102Kb / 4P
   Lower On-resistance
AP2R803GM-HF A-POWER-AP2R803GM-HF_14 Datasheet
118Kb / 4P
   Lower On-resistance
AP9120GH-HF A-POWER-AP9120GH-HF_14 Datasheet
68Kb / 4P
   Lower On-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_16 Datasheet
103Kb / 5P
   Lower on-resistance
AP2602GY-HF A-POWER-AP2602GY-HF_14 Datasheet
66Kb / 4P
   Lower On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com