Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68280 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-68280
Description  SMT CURRENT SENSE TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68280 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-68280 Datasheet HTML 1Page - Pulse A Technitrol Company PE-68280 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
111
SPM2007 (11/07)
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C
SMT CURRENT SENSE
TRANSFORMERS
PE-68XXXNL Series
Current 2
Secondary
DCR (m
Ω MAX)
Part
5,6
Turns
Rating
Inductance
Primary
Secondary
Hipot
Number
Ratio
(A)
(mH MIN)
(1,3-2,4)
(5-6)
(VRMS)
PE-68210NL
1:1:50
15
3.8
1.15
380
500
PE-68280NL
1:1:100
15
14.8
1.15
930
500
PE-68383NL
1:1:200
15
59.2
1.15
3900
500
.490 ± .015
12,45 ± 0,38
2
5
1
4
6
3
.410 ± .015
10,41 ± 0,38
.495
12,57
MAX
.575
14,61
MAX
.280
7,11
MAX
.005/0,13
6 SURFACES
1
2
3
4
5
6
NS TURNS
1 TURN
1 TURN
NOTES:
1. The temperature of the component (ambient temperature plus temper-
ature rise) must be within the specified operating temperature range.
2.The maximum current rating is based upon temperature rise of the
component and represents the dc current which will cause a typical
temperature rise of 40°C with no air flow when both one turn windings
connected in parallel.
3. To calculate the value of the terminating resistor (Rt) use the following
formula: Rt (
Ω) = VREF * N / (Ipeak_primary)
4. The peak flux density of the device must remain below 2000 Gauss.
To calculate the peak flux density for a uni-polar current use the
following formula:
BPK = 14.29 * VREF * (Duty_Cycle_Max) * 105 / ( N * Freq_kHz)
* for bi-polar current applications divide BPK as calculated above by 2.
5. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PE-68210NL becomes PE-68210NLT). Pulse complies
to industry standard tape and reel specification EIA481.
6. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechani-
cally equivalent to NL versions. If a part number does not have the "NL"
suffix, but an RoHS compliant version is required, please contact Pulse for
availability.
Mechanical
Schematic
.500
12,70
.400
10,16
.410
10,41
4x .100
2,54
2X .030
0,76
2X .100
2,54
4x .040
1,02
R
R
SUGGESTED PAD LAYOUT
Isecondary
Vref
RT
N
1
Iprimary
APPLICATION CIRCUIT
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Height: 7.1mm Max
Footprint: 14.6mm x 12.6mm Max
Current Rating: up to 15A
Frequency Range: 50kHz to 500kHz


Similar Part No. - PE-68280

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68280 PULSE-PE-68280 Datasheet
119Kb / 1P
   SMT CURRENT TRANSFORMERS
PE-68280 PULSE-PE-68280 Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280 PULSE-PE-68280 Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NL PULSE-PE-68280NL Datasheet
154Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NL PULSE-PE-68280NL Datasheet
349Kb / 2P
   SMT Current Sense Transforms
More results

Similar Description - PE-68280

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com