Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-P12VT Datasheet(PDF) 4 Page - Rohm

Part # SML-P12VT
Description  Ultra compact, thin size 1.0x0.6mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P12VT Datasheet(HTML) 4 Page - Rohm

  SML-P12VT Datasheet HTML 1Page - Rohm SML-P12VT Datasheet HTML 2Page - Rohm SML-P12VT Datasheet HTML 3Page - Rohm SML-P12VT Datasheet HTML 4Page - Rohm SML-P12VT Datasheet HTML 5Page - Rohm SML-P12VT Datasheet HTML 6Page - Rohm SML-P12VT Datasheet HTML 7Page - Rohm SML-P12VT Datasheet HTML 8Page - Rohm SML-P12VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-P1 series
lElectrical Characteristics Curves
 
2.8
2.9
3.0
3.1
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
2.7
2.8
2.9
3.0
3.1
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Ta=25ºC
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
Fig.2-1 Forward Voltage - Atmosphere Temperature
(P13BC8T, P13WBC8W)
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.2-2 Forward Voltages -
Atmosphere Temperature (P13EC8T)
ATMOSPHERE TEMPERATURE : Ta [ºC]
I
F=5mA
* Please take this data as a reference data
for the samples are measured randomly.
* Please take this data as a reference data
for the samples are measured randomly.
SMLP13BC8T
SCMP13WBC8W
SMLP13EC8T
I
F=5mA
4/10
2014.07 - Rev.E


Similar Part No. - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12VT ROHM-SML-P12VT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
More results

Similar Description - SML-P12VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com