Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLP13BC8T Datasheet(PDF) 10 Page - Rohm

Part # SMLP13BC8T
Description  Ultra compact, thin size 1.0x0.6mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP13BC8T Datasheet(HTML) 10 Page - Rohm

Back Button SMLP13BC8T Datasheet HTML 3Page - Rohm SMLP13BC8T Datasheet HTML 4Page - Rohm SMLP13BC8T Datasheet HTML 5Page - Rohm SMLP13BC8T Datasheet HTML 6Page - Rohm SMLP13BC8T Datasheet HTML 7Page - Rohm SMLP13BC8T Datasheet HTML 8Page - Rohm SMLP13BC8T Datasheet HTML 9Page - Rohm SMLP13BC8T Datasheet HTML 10Page - Rohm SMLP13BC8T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-P1 series
4.WASHING
Please note the following points when washing is required after soldering.
4-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
4-2) TEMPERATURE
Below 30ºC, immersion time ; within 3 minutes.
4-3) ULTRA SONIC WASHING
Below 15W/1 litter of solvent tub or less.
4-4) COOLING
Below 100ºC within 3 minutes.
5.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
6.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
6-1) Not to be opened before using.
6-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator its color from either blue to clear or green to pink.
6-3) Please use within 168 hours after the package was opened. (Condition at 30ºC, max.70%Rh.)
In case it is not used within 168 hours, please put it back into our packaging.
6-4) BAKING
Please bake under reel condition at 60ºC, 1 to 224 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
7.LIFE TIME
Blue led die used in this product will cause reduction of luminous intensity due to epoxy resin discoloration
depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
10/10
2014.07 - Rev.E


Similar Part No. - SMLP13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP13BC8T ROHM-SMLP13BC8T Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
More results

Similar Description - SMLP13BC8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com