Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT908-7B-F Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PT908-7B-F
Description  1.5mm Side Looking Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT908-7B-F Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PT908-7B-F Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT908-7B-F Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 3of 7
Device No: CDPT-090-014
Prepared date: 2007/6/15
Prepared by:
wangyinsheng
PT908-7B-F
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector-Voltage
VECO
5
V
Collector Current
IC
20
mA
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
Power
Dissipation
at
(or
below)
25℃ Free Air Temperature
PD
75
mW
Notes: *1:Soldering time≦5 seconds.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max. Units
Collector – Emitter
Breakdown Voltage
BVCEO
IC=100μA
Ee=0mW/cm
2
30
---
---
V
Emitter-Collector
Breakdown Voltage
BVECO
IE=100μA
Ee=0mW/cm
2
5
---
---
V
Collector-Emitter
Saturation Voltage
VCE)(sat)
IC=2mA
Ee=1mW/cm
2
---
---
0.4
V
Rise Time
tr
---
15
---
Fall Time
tf
VCE=5V
IC=1mA
RL=1000Ω
---
15
---
μS
Collector Dark Current
ICEO
Ee=0mW/cm
2
VCE=20V
---
---
100
nA
On State Collector Current
IC(on)
Ee=0.555mW/cm
2
VCE=5V
0.80
5.0
mA
Wavelength of
Peak Sensitivity
λp
---
---
940
---
nm
Rang of Spectral Bandwidth
λ0.5
---
700
---
1200
nm


Similar Part No. - PT908-7B-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
158Kb / 7P
   1.5mm Side Looking Phototransistor
More results

Similar Description - PT908-7B-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
142Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
   1.5mm Side Looking Phototransistor
EAPLP04RRAA1 EVERLIGHT-EAPLP04RRAA1 Datasheet
460Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
148Kb / 7P
   1.5mm Side Looking Phototransistor
logo
List of Unclassifed Man...
PT928-6C ETC1-PT928-6C Datasheet
126Kb / 6P
   1.5mm Side Looking Phototransistor
logo
Everlight Electronics C...
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
158Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
146Kb / 7P
   1.5mm Side Looking Phototransistor
logo
List of Unclassifed Man...
PT908-7C ETC-PT908-7C Datasheet
121Kb / 6P
   Technical Data Sheet 1.5mm Side Looking Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com